Selected language     English  ▼


E-112078-0001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112078-0001
Description  BradCommunications SST 4 Serial ports PLC communications module for Allen- Bradley ControlLogix
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW2007212
Date Published: January 2008
North America: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United: Kingdom +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
BradCommunications and SST are trademarks of Woodhead Industries.
© 2008 Molex Incorporated.
Diagnostic & Software Tools
- User Configuration Manager -
- Configuration Console -
- Modbus Read/Write Data Diagnostic Tool -
Hardware Specifications
Bus Interface
• Allen-Bradley® 1756 ControlLogix®
• Support multiple modules in a chassis
• Local and remote rack
Memory
• 128 MB of onboard shared memory
• 8 MB of flash memory
(user configuration data and firmware)
Diagnostics
• 4 characters display
• 3 LEDs indicator:
1 - health of the network (COMM)
2 - communication status (SYS)
3 - initialization complete and module is ok (OK)
USB Port (pending)
• Type A, USB 2 and 1.1 compatible
• User configuration boot
• Module firmware upgrade
Current Consumption
1005 mA @ 5V or 1.75 mA @ 24V
Operating Temperature
0ºC (32ºF) up to +60ºC (140ºF)
Storage Temperature
-40ºC (-40°F) up to +85ºC (185°F)
Regulatory Approvals
CE,
Class 1 Div 2 (pending)
I/O Mapping
(for ControlLogix)
• Maximum 496 bytes input data
• Maximum 496 bytes output data
• Maximum 250 words status data
• Maximum 41 bytes configuration data
Shared Memory
(for ControlLogix)
• 32K words and 32K bits
• Read/Write access
• Ladder logic based on CIP messaging
Configuration/Diagnostics
Windows-based software tools through A-B RSLinx™
Network Specifications
Serial Communication Port
Port: 4 distinct Serial ports
Speed: 110 to 115200 bps
Parity: none, even, and odd
Data bits: 5, 6, 7, or 8
Stop bits: 1 or 2
Connector: RJ45 (DB9 male supplied cable)
Electrical interface: RS232, RS422, and
RS485, 500V galvanic insulation
Protocol:
Master
RTU or ASCII Mode
Maximum slave: 127 slaves devices
Function code: 0, 1, 2, 3, 4, 5, 6, 15, 16
Data format: Intel
® / Motorola®
Slave
RTU or ASCII Mode
32K words / 32K bits shared memory
Function Code: 0, 1, 3, 5, 6, 15, 16
Ordering Information
Part Number
Description
SST-SR4-CLX-RLL
BradCommunications™ SST™ 4 Serial ports PLC communications
module for Allen-Bradley ControlLogix, includes Remote Link
Library feature
Also available:
SST-ESR2-CLX-RLL
BradCommunications™ SST™ 1 Ethernet and 2 Serial ports PLC
communications module for Allen-Bradley ControlLogix, includes
Remote Link Library feature
More Serial and Ethernet protocols available for Altus (AL2000 series), Alstom (Alspa C80-35 & C80-75), GE
Fanuc (GE90-30 & 90-70), Mitsubishi (AnA, AnU, AnS, QnA, QnAS), Omron (Sysmac C, CV and CS1), Schneider
(Premium, Micro, TSX/PMX), Siemens (S7-200/300/400, S5, TI-505). Please contact us for more information.
4 Serial Modbus Channels




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl