Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5014272000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 5014272000
Description  0.50mm (.020") Pitch Shielded Double I/O PCB Socket Right Angle, SMT, Reverse Mount, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5014272000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  5014272000 Datasheet HTML 1Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 2Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 3Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 4Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 5Page - Molex Electronics Ltd. 5014272000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 5014272000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014 ETC2-5014 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
Pomona Electronics
5014 POMONA-5014 Datasheet
139Kb / 1P
   Pin Clips
logo
3M Electronics
5014 3M-5014 Datasheet
38Kb / 2P
   DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
logo
Texas Instruments
5014 TI-5014 Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
List of Unclassifed Man...
5014-020 ETC2-5014-020 Datasheet
217Kb / 3P
   NEMA 14 Step Motor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com