Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA-90814 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SDA-90814
Description  1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount, Tin, 8 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-90814 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-90814 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-90814 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-90814 Datasheet HTML 3Page - Molex Electronics Ltd. SDA-90814 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0908140708
Status:
Active
Overview:
picoflex
Description:
1.27mm (.050") Pitch Picoflex® PF-50 SMT Header, Vertical, Low Profile, Surface
Mount, Tin, 8 Circuits, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
90814
Application
Wire-to-Board
Application Tooling Part Link
690081070
Comments
Low Profile SMT
Overview
picoflex
Product Name
Picoflex®
Physical
Breakaway
No
Circuits (Loaded)
8
Color - Resin
Black, Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Yes
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Open Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90814Series
Mates With
90327 IDT Connector
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
(Plastic) for 90327
Connector, 4-26
Circuit
0690081070


Similar Part No. - SDA-90814

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-90814 MOLEX11-SDA-90814 Datasheet
247Kb / 4P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Vertical, Low Profile, Surface Mount, 6 Circuits, Glow Wire Compatible
SDA-90814 MOLEX11-SDA-90814 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
SDA-90814 MOLEX11-SDA-90814 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount, Tin, 4
SDA-90814 MOLEX11-SDA-90814 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount, Gold
SDA-90814 MOLEX11-SDA-90814 Datasheet
247Kb / 4P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Vertical, Low Profile, Surface Mount, Tin, 6 Circuits, Glow Wire Compatible
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com