Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0951154884 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0951154884
Description  Round Cable Boot with Latch Protection for Modular Plug, Red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0951154884 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0951154884 Datasheet HTML 1Page - Molex Electronics Ltd. 0951154884 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0951154884
Status:
Active
Overview:
modular_plugs
Description:
Round Cable Boot with Latch Protection for Modular Plug, Red
Documents:
Application Specification (PDF)
Packaging Specification (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
95115
Comments
"Must be ordered with series 85568"
Component Type
Boot
Overview
modular_plugs
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
N/A
Circuits (maximum)
0
Gender
N/A
Lock to Mating Part
None
Number of Rows
0
Packaging Type
Bag
Polarized to Mating Part
N/A
Temperature Range - Operating
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-95115-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95115Series
Use With
85568
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0951154884

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0951154881 MOLEX11-0951154881 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Black
0951154882 MOLEX11-0951154882 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Gray
0951154883 MOLEX11-0951154883 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Green
0951154885 MOLEX11-0951154885 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Yellow
0951154886 MOLEX11-0951154886 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Blue
More results

Similar Description - 0951154884

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0951154887 MOLEX11-0951154887 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Orange
0951154882 MOLEX11-0951154882 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Gray
0951154886 MOLEX11-0951154886 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Blue
0951154883 MOLEX11-0951154883 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Green
0951154881 MOLEX11-0951154881 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Black
0951154885 MOLEX11-0951154885 Datasheet
102Kb / 2P
   Round Cable Boot with Latch Protection for Modular Plug, Yellow
0951152884 MOLEX11-0951152884 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Red
0951151881 MOLEX11-0951151881 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Black
0951152881 MOLEX11-0951152881 Datasheet
110Kb / 2P
   Round Cable Boot for Shielded Plug, Black
5031591100 MOLEX11-5031591100 Datasheet
233Kb / 2P
   Round Cable Boot for Shielded Plug, Blue
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com