Selected language     English  ▼


E-112005-0009 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112005-0009
Description  BradCommunications Direct-Link PC104-DVNIO DeviceNet card, PC/104 bus
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
For product and technical information, visit: www.woodhead.com
North America:
US +1 800 225 7724
– Canada +1 519 725 5136
Europe:
France, +33 2 32 96 04 20 – Germany, +49 711 782 3740 – Italy, +39 010 59 30 77 –
United Kingdom, +44 1495 356300
Asia:
China, +86 21 50328080 – Singapore, +65 261 6533 – Japan, +81 3 5791 4621
BradCommunications and Direct-Link are trademarks of Woodhead Industries, Inc. © 2006 Woodhead Industries, Inc.
Hardware specifications
PCU-DVNIO
PC104-DVNIO
Bus interface
PCI Universal 3.3/5V,
PCI-X compatible
NEW
PC/104 bus
Processor
AMD SC520
Memory
8 Mbytes SDRAM
Interruption
Hardware Plug&Play
2, 3, 4, 5, 6, 7, 10, 11, 12, 14, 15
DPRAM Address
Hardware Plug&Play
(2 Kbytes used per card)
From C8000 to DE000
(8 Kbytes used per card)
Dimensions (L x W)
168mm x 107mm (6.61" x 4.21")
95mm x 90mm (3.74" x 3.54")
Consumption
6W (max. 1.2A)
5W (max. 0.8A)
Operating T°
0ºC (32º F) up to +70º C (149º F)
-40ºC (-40º F) up to +85ºC (185º F)
Storage T°
-40ºC (-40ºF) up to +80ºC (176ºF)
-40ºC (-40º F) up to +85ºC (185º F)
Discrete Input
Opto-coupled discrete input
Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz)
Discrete Output
"WatchDog" output contact free from potential (floating)
(24V DC, 0.25 A)
EMC Compliance
EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3
RoHS Compliance
YES
NEW
1 DeviceNet port
Connector type
Standard DeviceNet connector
(female connector with screw and
resistance terminator included)
HE13 ( 2 x 5 pins)
CAN Controller
Phillips SJA 1000
CAN Transceiver
Phillips 82C251 in conformity with DeviceNet specifications
Speed
125, 250, 500 Kbps
LED indicators
1 Status LED / 1 transmission LED
Port for remote configuration and diagnostic
Port Type
Ethernet port
NEW
Asynchronous Serial port
Connector type
BaseT - RJ45
HE13 (2 x 5 pins)
LED indicators
4 LEDs - TX/RX/Link/100 Mbps
-
Electrical interface
Ethernet IEEE 802.3
RS232
Speed
10/100 Mbps (auto-negotiation)
50 to 38400 bps
Protocol Specifications
DeviceNet
Master/Slave modes run simultaneously
Devices supported: “Group 2 Only Server” and “U.C.M.M”
Manage up to 63 nodes
Node parameter online configuration
I/O Slave messaging: Strobe, Polling, Cyclic and Change of State
Explicit and I/O Peer to Peer messaging
I/O data image: up to 2 Kbytes
Integrated data consistency
Direct access to variable types (bit, byte, word, double word)
Up to 255 Bytes by Slave
EDS Library
Ordering Information
Part Number
Product Description
DRL-DVN-PCU
BradCommunications™ Direct-Link™ PCU-DVNIO DeviceNet card,
PCI-Universal bus, 3.3/5V
DRL-DVN-104
BradCommunications™ Direct-Link™ PC104-DVNIO DeviceNet card,
PC/104 bus
Direct-Link™ DeviceNet
Software tools
Direct-Link™ Interface cards provide effective
software tools enabling fast integration of
industrial
communication
into
your
applications. The console is common to all
fieldbuses of Woodhead offer as Profibus-DP,
EtherNet/IP, Modbus/TCP and CANopen.
- Configuration console -
- OPC Browser -
- ActiveX implementation -
- Diagnostic and test tools -




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl