Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501786-8090 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 501786-8090
Description  0.50mm (.020") Pitch FFC-to-Board Connector, Receptacle Housing Assy, Vertical, SMT, without Grounding terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

501786-8090 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  501786-8090 Datasheet HTML 1Page - Molex Electronics Ltd. 501786-8090 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5017868090
Status:
Active
Overview:
ffc_fpc_smt
Description:
0.50mm (.020") Pitch FFC-to-Board Connector, Receptacle Housing Assy, Vertical,
SMT, without Grounding terminals, 80 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501786-001 (PDF)
General
Product Family
FFC/FPC Connectors
Series
501786
Comments
without Grounding terminals
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
80
Color - Resin
Black
Contact Position
N/A
Durability (mating cycles max)
20
Entry Angle
Vertical
Mated Height (in)
0.352 In
Mated Height (mm)
8.95 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC only
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501786-001
Product Specification
PS-501786-001, RPS-501786-006
Sales Drawing
SD-501786-001, SD-501786-003
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501786Series
Use With
501783-8009 Plug Jacket . 501784-8009
Plug Jacket Cover
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 501786-8090

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501786-3091 MOLEX11-501786-3091 Datasheet
332Kb / 5P
   0.50mm (.020") Pitch FFC-to-Board Connector, Receptacle Housing Assy, Vertical, SMT
501786-3092 MOLEX11-501786-3092 Datasheet
420Kb / 5P
   0.50mm (.020") Pitch FFC-to-Board Connector, Receptacle Housing Assy, Vertical, SMT, without Grounding
501786-5090 MOLEX11-501786-5090 Datasheet
418Kb / 5P
   0.50mm (.020") Pitch FFC-to-Board Connector, Receptacle Housing Assy, Vertical, SMT, without Grounding
501786-5091 MOLEX11-501786-5091 Datasheet
433Kb / 5P
   0.50mm (.020") Pitch FFC-to-Board Connector, Receptacle Housing Assy, Vertical, SMT, with Grounding
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com