Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-92315-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-92315-001
Description  Picoflex PF-50 IDT-to-IDT, 4 Circuits, 0.36m (1.18 ) Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-92315-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-92315-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-92315-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0923150436
Status:
Active
Overview:
picoflex
Description:
Picoflex® PF-50 IDT-to-IDT, 4 Circuits, 0.36m (1.18' ) Length
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
92315
Connector to Connector
Picoflex® IDT-to-IDT
Overview
picoflex
Product Name
Picoflex®
Physical
Cable Length
0.36m (1.18' )
Circuits (Loaded)
4
Color - Resin
Natural
Gender
Female-Female
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
80.00
Plating min: Mating (µm)
2.000
Plating min: Termination (µin)
80.00
Plating min: Termination (µm)
2.00
Single Ended
No
Termination Interface: Style
IDT or Pierce
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
PVC, Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Shielded
No
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SD-92315-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
92315Series
Mates With
Picoflex® PF-50 Header 90325 , 90800 ,
90779 , 90715 , 90814
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-92315-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 12 Circuits, 0.50m (1.64 ) Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 6 Circuits, 0.20m (7.87") Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 4 Circuits, 0.35m (1.15 ) Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 20 Circuits, 0.08m (3.15") Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
93Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 16 Circuits, 0.41m (1.35 ) Length
More results

Similar Description - SD-92315-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0923150836 MOLEX11-0923150836 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 8 Circuits, 0.36m (1.18 ) Length
0923151236 MOLEX11-0923151236 Datasheet
93Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 12 Circuits, 0.36m (1.18 ) Length
0923152436 MOLEX11-0923152436 Datasheet
100Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 24 Circuits, 0.36m (1.18 ) Length
5008110010 MOLEX11-5008110010 Datasheet
199Kb / 3P
   Picoflex PF-50 IDT-to-IDT, 24 Circuits, 0.36m (1.18 ) Length
0923150636 MOLEX11-0923150636 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 6 Circuits, 0.36m (1.18 ) Length
0923170436 MOLEX11-0923170436 Datasheet
134Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 4 Circuits, 0.36m (1.18 ) Length
0923171036 MOLEX11-0923171036 Datasheet
134Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 10 Circuits, 0.36m (1.18 ) Length
0923170436 MOLEX-0923170436_V01 Datasheet
35Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 4 Circuits, 0.36m Length
0923171036 MOLEX-0923171036_V01 Datasheet
35Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 10 Circuits, 0.36m Length
0923150436 MOLEX10-0923150436_V01 Datasheet
35Kb / 2P
   Picoflex PF-50 IDT-to-Picoflex PF-50 IDT Cable Assembly, 0.36m Length, Tin (Sn) Plating, 4 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com