Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5015310210 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 5015310210
Description  0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051")
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5015310210 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  5015310210 Datasheet HTML 1Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 2Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 3Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 4Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 5Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 6Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 7Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 8Page - Molex Electronics Ltd. 5015310210 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image


Similar Part No. - 5015310210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5015310310 MOLEX11-5015310310 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
5015310410 MOLEX11-5015310410 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack??Board-to-Board
5015310510 MOLEX11-5015310510 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
5015310910 MOLEX11-5015310910 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051")
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com