Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCDEI-8YYX-D1U Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # TCDEI-8YYX-D1U
Description  BradControl Class 60mm IO module, 8 Ports, 16 Universal & User configurable Input/ Output channels
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

TCDEI-8YYX-D1U Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  TCDEI-8YYX-D1U Datasheet HTML 1Page - Molex Electronics Ltd. TCDEI-8YYX-D1U Datasheet HTML 2Page - Molex Electronics Ltd. TCDEI-8YYX-D1U Datasheet HTML 3Page - Molex Electronics Ltd. TCDEI-8YYX-D1U Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A-A
IP67 I/O connected ( 1 : 2 )
IP67 I/O connected ( 1 : 2 )
IP67 I/O ( 1 : 2 )
Window open (105°)
X ( 2 : 1 )
shown without Window Seal
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
Rev.
Change
Date
Name
Date
Name
PROC
CHK
Norm.
Scale
Material
Finish
Filename
Sheet
Woodhead Connectivity GmbH
Gewerbestraße 60
75015 Bretten-Gölshausen
Tel.: 07252/9496-0
Fax: 07252/9496-199
Dimensions
mm
UNLESS OTHERWISE SPECIFIED
x
= ± 1
X.X
= ± 0,1
X.XX = ± 0,05
Winkel = 1°
PROJECTION 1 : GER
This drawing and its contents are the proprietary and confidential property of Woodhead Industries Inc. and/or its subsidiariesand
may not be used or disclosed to others without the express prior written consent of Woodhead Industries Inc. and/or its subsidiaries.
TCDEI-8
IP67 Ethernet/IP I/O
12.07.2006
FP
1
A2
1>1
01
SEE REV TABLE
12.07.06
FP
CLASSIC DIGITAL - 60MM HSG
-
-
Y:\CAD\ETHERNET ModBus IP67 IO\DRAWINGS\TCDEM-8.idw
BOM / Stückliste
A
A
Cardboard Box H40xW60xL221mm
Label (yellow) with black printing
(Label shown for reference only)
M12 MALE CLOSURE CAP
(4 loose pieces added per unit)
220,0
210,0
107
1 - 2M
2 - 1M
3 - PE
4 - 1L+
5 - 2L+
1 -2M
2 - 1M
3 - PE
4 - 1L+
5 - 2L+
1 - +24Vdc
4 - A Input
or Output
2 - B Input / Output
or Output
3 - GND
5 - Shield / PE
1 - TX+
2 - TX-
3- RX+
4 - RX-
Supply X01
(5P MC, PWR IN MALE)
Through Loop X02
(5P MC, PWR OUT FEMALE)
I/O Port
(5P FEM REC, A-Code))
Bus Connection
(4P FEM REC; D-Code)
FINAL PART NUMBERS (Configured Variantions):
TCDEI-8D0P-D1U 16 inputs PNP
TCDEI-8C2P-D1U 14 inputs PNP, 2 outputs sourcing (twin wired)
TCDEI-8B4P-D1U 12 inputs PNP, 4 outputs sourcing
TCDEI-888P-D1U
8 inputs PNP, 8 outputs sourcing
TCDEI-8D0N-D1U 16 inputs NPN,
TCDEi-8C2N-D1U 14 inputs NP N, 2 outputs sinking (twin wired)
TCDEI-8B4N-D1U 12 inputs NPN, 4 outputs sinking
TCDEI-888N-D1U
8 inputs NPN, 8 outputs sinking
TCDEI-8YYX-D1U 16 User configurable input / output channels
REVISIONSVERLAUF
ZONEREV.
BEZEICHNUNG
DATUM
GENEHMIGT
-
01
INITIAL RELEASE
12.7.2006
FP
Push-Button
L6,2xB6,2xH5,0mm
Display
HCMS 2902
L17,78xB10,16xH5,08mm
Jumper
L5,0xB3,0xH...mm
22,00
MAX.Clearance Window


Similar Part No. - TCDEI-8YYX-D1U

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
TCDEI-888N-D1U MOLEX11-TCDEI-888N-D1U Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
TCDEI-8B4N-D1U MOLEX11-TCDEI-8B4N-D1U Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
TCDEI-8B4P-D1U MOLEX11-TCDEI-8B4P-D1U Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
TCDEI-8C2N-D1U MOLEX11-TCDEI-8C2N-D1U Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
TCDEI-8D0N-D1U MOLEX11-TCDEI-8D0N-D1U Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs NPN
More results

Similar Description - TCDEI-8YYX-D1U

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955003 MOLEX11-1120955003 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs NPN
1120925002 MOLEX11-1120925002 Datasheet
295Kb / 4P
   BradControl Class 60mm 8 Ports IO module, 12 Inputs/4 Outputs, M23
1120955028 MOLEX11-1120955028 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955010 MOLEX11-1120955010 Datasheet
977Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955026 MOLEX11-1120955026 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955004 MOLEX11-1120955004 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com