Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG14B Datasheet(PDF) 7 Page - BeRex Corporation

Part # BG14B
Description  5-4000 MHz Cascadeable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG14B Datasheet(HTML) 7 Page - BeRex Corporation

Back Button BG14B Datasheet HTML 2Page - BeRex Corporation BG14B Datasheet HTML 3Page - BeRex Corporation BG14B Datasheet HTML 4Page - BeRex Corporation BG14B Datasheet HTML 5Page - BeRex Corporation BG14B Datasheet HTML 6Page - BeRex Corporation BG14B Datasheet HTML 7Page - BeRex Corporation BG14B Datasheet HTML 8Page - BeRex Corporation BG14B Datasheet HTML 9Page - BeRex Corporation BG14B Datasheet HTML 10Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BeRex
BG14B
http: //www.berex.com
OIP3
F1=500, F2=501MHz
30
32
34
36
38
40
8
10
12
14
16
Po,tot [dBm ]
+25C
-30C
+85C
F1=900, F2=901MHz
30
32
34
36
38
40
8
10
12
14
16
Po,tot [dBm ]
+25C
-30C
+85C
F1=1900, F2=1901MHz
30
32
34
36
38
40
8
10
12
14
16
Po,tot [dBm ]
+25C
-30C
+85C
F1=2140, F2=2141MHz
30
32
34
36
38
40
8
10
12
14
16
Po,tot [dBm ]
+25C
-30C
+85C
F1=2450, F2=2451MHz
30
32
34
36
38
40
8
10
12
14
16
Po,tot [dBm ]
+25C
-30C
+85C
OIP3
Po=7dBm /tone,
DF=1MHz
30
32
34
36
38
40
500
1000
1500
2000
2500
Freq [MHz]
+25C
-30C
+85C


Similar Part No. - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG14B BEREX-BG14B Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_15 Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCG13D BEREX-BCG13D Datasheet
283Kb / 6P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13BM BEREX-BG13BM Datasheet
522Kb / 9P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13B BEREX-BG13B Datasheet
495Kb / 11P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17A BEREX-BG17A Datasheet
526Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17C BEREX-BG17C Datasheet
540Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
678Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG14A BEREX-BG14A Datasheet
508Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18B BEREX-BG18B Datasheet
704Kb / 11P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18D BEREX-BG18D Datasheet
469Kb / 8P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com