Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG14B Datasheet(PDF) 3 Page - BeRex Corporation

Part # BG14B
Description  5-4000 MHz Cascadeable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG14B Datasheet(HTML) 3 Page - BeRex Corporation

  BG14B Datasheet HTML 1Page - BeRex Corporation BG14B Datasheet HTML 2Page - BeRex Corporation BG14B Datasheet HTML 3Page - BeRex Corporation BG14B Datasheet HTML 4Page - BeRex Corporation BG14B Datasheet HTML 5Page - BeRex Corporation BG14B Datasheet HTML 6Page - BeRex Corporation BG14B Datasheet HTML 7Page - BeRex Corporation BG14B Datasheet HTML 8Page - BeRex Corporation BG14B Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BeRex
BG14B
http: //www.berex.com
Typical Device Data
S-parameters (Vc=5V, Ic=75mA, T=25C)
S-Parameter
(Vdevice = 5.0V, Icc = 75mA, T = 25 C, calibrated to device leads)
Freq
[MHz]
S11
[Mag]
S11
[Ang]
S21
[Mag]
S21
[Ang]
S12
[Mag]
S12
[Ang]
S22
[Mag]
S22
[Ang]
100
0.111
169.412
7.453
173.539
0.070
-3.904
0.240
-7.438
500
0.121
131.454
7.321
148.756
0.069
-17.850
0.225
-36.290
1000
0.132
92.814
7.113
117.826
0.068
-36.333
0.208
-76.064
1500
0.105
44.732
6.803
87.310
0.066
-52.837
0.227
-113.848
2000
0.075
-27.875
6.494
57.759
0.063
-69.325
0.279
-143.207
2500
0.126
-101.268
6.088
29.213
0.061
-85.687
0.330
-164.117
3000
0.155
-124.373
5.832
1.324
0.058
-101.832
0.320
174.189
3500
0.154
-135.099
5.668
-26.222
0.058
-117.014
0.255
151.417
4000
0.158
-118.070
5.266
-55.209
0.059
-136.640
0.128
107.020


Similar Part No. - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG14B BEREX-BG14B Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_15 Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCG13D BEREX-BCG13D Datasheet
283Kb / 6P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13BM BEREX-BG13BM Datasheet
522Kb / 9P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13B BEREX-BG13B Datasheet
495Kb / 11P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17A BEREX-BG17A Datasheet
526Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17C BEREX-BG17C Datasheet
540Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
678Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG14A BEREX-BG14A Datasheet
508Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18B BEREX-BG18B Datasheet
704Kb / 11P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18D BEREX-BG18D Datasheet
469Kb / 8P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com