Electronic Components Datasheet Search |
|
ELJFQF2N7JF Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ELJFQF2N7JF Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 3 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Fixed Inductors (Chip Inductors) Packaging Design No. E 1 L 2 J 3 Q 4 F 5 6 6 N 7 8 8 A 9 F 10 Taping F Chip Inductors Product code 11 Shape QF 1005 (0402) Size : mm (inch) Inductance 1.5 nH 10 nH 1N5 10N Inductance tolerance ±0.2 nH ±0.3 nH ±2% ±5% Z D G J 2. High Frequency Use High-Q (Non Magnetic core) QF ■ Features ● Capable of being Re-flow or flow soldered. ● Unique Ceramic Core/Laser-cut Technology. ● Non polarity product. ● High self resonance frequency. ● Good for mounting. ■ Recommended Applications ● RF circuitry for cellular phones and wireless communication equipment. ■ Explanation of Part Numbers ■ Storage Conditions ● Package : Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to direct sunlight and harmful gases and care should be taken so as not to cause dew. ● Operating Temperature : –20 to +85 °C ■ Storage Period ● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt. ■Packaging Refer 27 and 28 page. ■Soldering Conditions Refer 29 page. ■Safety Precautions Refer 30 page. Jul. 2008 |
Similar Part No. - ELJFQF2N7JF |
|
Similar Description - ELJFQF2N7JF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |