Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG18B Datasheet(PDF) 5 Page - BeRex Corporation

Part # BG18B
Description  50-4000 MHz Cascadeable InGaP HBT Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG18B Datasheet(HTML) 5 Page - BeRex Corporation

  BG18B Datasheet HTML 1Page - BeRex Corporation BG18B Datasheet HTML 2Page - BeRex Corporation BG18B Datasheet HTML 3Page - BeRex Corporation BG18B Datasheet HTML 4Page - BeRex Corporation BG18B Datasheet HTML 5Page - BeRex Corporation BG18B Datasheet HTML 6Page - BeRex Corporation BG18B Datasheet HTML 7Page - BeRex Corporation BG18B Datasheet HTML 8Page - BeRex Corporation BG18B Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BeRex
BG18B
http: //www.berex.com
Typical Performance (V device = 3.5 V, Ic = 24 mA, Ta = 25 ℃)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
19.2
18.4
17.9
16.7
16.6
16
13.1
S11
dB
-8.5
-11.3
-11
-11
-10
-11
-11
S22
dB
-5.3
-10.8
-12
-16
-20
-27
-10
P1
dBm
8.3
6.7
6
6.4
9.1
12.3
OIP3
dBm
19
18
16.5
15.5
17
17
NF
dB
3
3.5
3.2
3.2
3.3
3.5


Similar Part No. - BG18B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18B BEREX-BG18B Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_15 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG18B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18D BEREX-BG18D Datasheet
469Kb / 8P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18C BEREX-BG18C Datasheet
700Kb / 11P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BCG13D BEREX-BCG13D Datasheet
283Kb / 6P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13BM BEREX-BG13BM Datasheet
522Kb / 9P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13B BEREX-BG13B Datasheet
495Kb / 11P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG14B BEREX-BG14B Datasheet
531Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17A BEREX-BG17A Datasheet
526Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17C BEREX-BG17C Datasheet
540Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
678Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com