Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG20A Datasheet(PDF) 4 Page - BeRex Corporation

Part # BG20A
Description  5-800 MHz Internally Matched IF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG20A Datasheet(HTML) 4 Page - BeRex Corporation

  BG20A Datasheet HTML 1Page - BeRex Corporation BG20A Datasheet HTML 2Page - BeRex Corporation BG20A Datasheet HTML 3Page - BeRex Corporation BG20A Datasheet HTML 4Page - BeRex Corporation BG20A Datasheet HTML 5Page - BeRex Corporation BG20A Datasheet HTML 6Page - BeRex Corporation BG20A Datasheet HTML 7Page - BeRex Corporation BG20A Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BeRex
BG20A
http: //www.berex.com
Typical Performance (Vsupply = 5V, Vdevice* = 4.85V, Ic = 85mA, Ta = 25C)
Freq
MHz
70
140
250
500
800
S21
dB
24.0
23.9
23.7
23.1
22.3
S11
dB
-19.5
-21.2
-22.0
-26.0
-30
S22
dB
-12.5
-13.0
-13.0
-12.0
-9.4
P1
dBm
20.5
20.5
20.5
20.5
20.3
OIP3
dBm
39.0
37.0
37.0
36.0
33
NF
dB
3.4
3.4
3.5
3.6
3.6
*4.85V at the device is due to 0.15V drop across 470nH choke inductor.
Typical Performance (V device = 4.7 V, Ic = 74 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
23.8
23.8
23.6
23
22.1
S11
dB
-22.5
-27.1
-30.9
-36
-25.4
S22
dB
-11.5
-12.3
-12.2
-10.5
-8.7
P1
dBm
19.5
19.9
20
19.9
19.3
OIP3
dBm
36
37
35.5
33
31
NF
dB
3.4
3.4
3.5
3.6
3.6
Typical Performance (V device = 4.5 V, Ic = 64 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
23.8
23.7
23.5
22.9
22
S11
dB
-23
-29.2
-35.4
-35.1
-24
S22
dB
-11.2
-11.9
-11.8
-10.2
-8.6
P1
dBm
18.3
18.3
18.3
18.3
18.2
OIP3
dBm
33.5
31.0
32.0
32.0
30.5
NF
dB
3.4
3.4
3.5
3.6
3.6
Pin-Pout-Gain
200MHz, 5V/86mA
500 MHz, 5V/86mA
0
5
10
15
20
25
30
-12
-9
-6
-3
0
3
Pin [dBm ]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
-12
-9
-6
-3
0
3
Pin [dBm ]
0
0.1
0.2
0.3
0.4
0.5
0.6


Similar Part No. - BG20A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20A BEREX-BG20A Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_16 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
More results

Similar Description - BG20A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
470Kb / 10P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_16 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com