Electronic Components Datasheet Search |
|
BG20B Datasheet(PDF) 1 Page - BeRex Corporation |
|
BG20B Datasheet(HTML) 1 Page - BeRex Corporation |
1 / 10 page BeRex BG20B http: //www.berex.com 5-800 MHz Internally Matched IF Amplifier Device Features 41dBm Output IP3 at 13dBm/tone at 70MHz 22dB Gain at 70MHz 21dBm P1dB at 70MHz Highly Reliable InGaP/GaAs HBT Technology Temperature Compensation Circuit patent SOT-89 Surface Mount Package 50 ohm Cascadeable Lead-free/Green/RoHS compliant Application: commercial, space, military wireless system Electrical Specifications (Ta = 25C, Vs = 5V) Parameters Test Conditions Min Typ Max Unit Frequency Range 5 800 MHz Gain 70 MHz 140 MHz 250 MHz 500 MHz 21.0 20.9 20.7 20.0 22.0 21.9 21.7 21.0 23.0 22.9 22.7 22.0 dB S11 70 MHz 140 MHz 250 MHz 500 MHz -23.5 -26.5 -27.0 -25.5 dB S22 70 MHz 140 MHz 250 MHz 500 MHz -18.0 -21.5 -20.0 -16.0 dB OIP3 70 MHz 140 MHz 250 MHz 500 MHz 39.0 38.5 37.5 34.0 41.0 39.5 38.5 36.0 dBm P1dB 70 MHz 140 MHz 250 MHz 500 MHz 20.0 20.0 20.0 20.0 21.0 21.0 21.0 21.0 dBm Ic Vc = 5.0V 95 105 115 mA Vc 5.0 V dG/dT -0.002 dB/C Rth Thermal Resistance 50 C/W Test conditions unless otherwise noted. 1. Device performance is measured on BeRex evaluation board at 25C, 50 ohm system 2. OIP3 measured with two tones at an output power of 13dBm/tone separated by 1MHz. |
Similar Part No. - BG20B |
|
Similar Description - BG20B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |