Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT05CV Datasheet(PDF) 9 Page - BeRex Corporation

Part # BT05CV
Description  5-4000 MHz Wideband Drive Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05CV Datasheet(HTML) 9 Page - BeRex Corporation

Back Button BT05CV Datasheet HTML 5Page - BeRex Corporation BT05CV Datasheet HTML 6Page - BeRex Corporation BT05CV Datasheet HTML 7Page - BeRex Corporation BT05CV Datasheet HTML 8Page - BeRex Corporation BT05CV Datasheet HTML 9Page - BeRex Corporation BT05CV Datasheet HTML 10Page - BeRex Corporation BT05CV Datasheet HTML 11Page - BeRex Corporation BT05CV Datasheet HTML 12Page - BeRex Corporation BT05CV Datasheet HTML 13Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BeRex
BT05CV
http: //www.berex.com
Application Circuit: 2450MHz
Schematic Diagram
BOM
Tolerance
C1
1.2pF
±5%
C2
2pF
±5%
C3
0.5pF
±5%
C4
100pF
± 5%
C5
100pF
± 5%
C6
1000pF
± 10%
C7
10uF
± 10%
L1
1.2nH
±5%
L2
6.8nH
±5%
Typical Performance
-30
-25
-20
-15
-10
-5
0
2350
2400
2450
2500
2550
Freq [MHz]
+25C
-30C
+85C
-30
-25
-20
-15
-10
-5
0
2350
2400
2450
2500
2550
Freq [MHz]
+25C
-30C
+85C
11
12
13
14
15
16
17
2350
2400
2450
2500
2550
Freq [MHz]
+25C
-30C
+85C
0
5
10
15
20
25
30
-13
-8
-3
2
7
12
Pin [dBm ]
0
0.1
0.2
0.3
0.4
0.5
0.6
Pout(dBm)
Gain(dB)
PAE


Similar Part No. - BT05CV

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05CV BEREX-BT05CV Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_16 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
More results

Similar Description - BT05CV

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05AG BEREX-BT05AG Datasheet
669Kb / 13P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BCT05CV BEREX-BCT05CV Datasheet
299Kb / 8P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_18 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_18 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_16 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_16 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com