Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR3A40SA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR3A40SA
Description  3.0A SBR짰 SUPER BARRIER RECTIFIER SMA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3A40SA Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR3A40SA Datasheet HTML 1Page - Diodes Incorporated SBR3A40SA Datasheet HTML 2Page - Diodes Incorporated SBR3A40SA Datasheet HTML 3Page - Diodes Incorporated SBR3A40SA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR3A40SA
Document number: DS31107 Rev. 10 - 2
2 of 4
www.diodes.com
July 2009
© Diodes Incorporated
SBR3A40SA
SBR is a registered trademark of Diodes Incorporated.
Fig. 1 Forward Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
01
23
4
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 2 Typical Forward Characteristics
0
0.2
0.4
0.6
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
Fig. 3 Typical Reverse Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
35
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = -65°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
1
10
100
1,000
10,000
0.1
1
10
100
Fig. 5 Forward Current Derating Curve
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 6 Operating Temperature Derating
0
25
50
75
100
125
150
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R


Similar Part No. - SBR3A40SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3A40SA-13 DIODES-SBR3A40SA-13 Datasheet
110Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
SBR3A40SAF DIODES-SBR3A40SAF Datasheet
320Kb / 4P
   3A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
September 2013
SBR3A40SAF-13 DIODES-SBR3A40SAF-13 Datasheet
320Kb / 4P
   3A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
September 2013
SBR3A40SAQ-13 DIODES-SBR3A40SAQ-13 Datasheet
110Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
SBR3A40SA DIODES-SBR3A40SA_15 Datasheet
110Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
More results

Similar Description - SBR3A40SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR3A40SA DIODES-SBR3A40SA_15 Datasheet
110Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 SMA
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com