Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXXXDT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HCXXXXDT
Description  High-Performance Silicon-Gate CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCXXXXDT Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HCXXXXDT Datasheet HTML 1Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 2Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 3Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 4Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 5Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 6Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 7Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 8Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
Analog Multiplexers/
Demultiplexers
High–Performance Silicon–Gate CMOS
The MC54/74HC4051, MC74HC4052 and MC54/74HC4053 utilize sili-
con–gate CMOS technology to achieve fast propagation delays, low ON
resistances, and low OFF leakage currents. These analog multiplexers/
demultiplexers control analog voltages that may vary across the complete
power supply range (from VCC to VEE).
The HC4051, HC4052 and HC4053 are identical in pinout to the
metal–gate MC14051B, MC14052B and MC14053B. The Channel–Select
inputs determine which one of the Analog Inputs/Outputs is to be connected,
by means of an analog switch, to the Common Output/Input. When the
Enable pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
CMOS outputs; with pullup resistors they are compatible with LSTTL
outputs.
These devices have been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal–gate CMOS analog
switches.
For multiplexers/demultiplexers with channel–select latches, see
HC4351, HC4352 and HC4353.
• Fast Switching and Propagation Speeds
• Low Crosstalk Between Switches
• Diode Protection on All Inputs/Outputs
• Analog Power Supply Range (VCC – VEE) = 2.0 to 12.0 V
• Digital (Control) Power Supply Range (VCC – GND) = 2.0 to 6.0 V
• Improved Linearity and Lower ON Resistance Than Metal–Gate
Counterparts
• Low Noise
• In Compliance With the Requirements of JEDEC Standard No. 7A
• Chip Complexity: HC4051 — 184 FETs or 46 Equivalent Gates
HC4052 — 168 FETs or 42 Equivalent Gates
HC4053 — 156 FETs or 39 Equivalent Gates
LOGIC DIAGRAM
MC54/74HC4051
Single–Pole, 8–Position Plus Common Off
X0
13
X1
14
X2
15
X3
12
X4
1
X5
5
X6
2
X7
4
A
11
B
10
C
9
ENABLE
6
MULTIPLEXER/
DEMULTIPLEXER
X
3
ANALOG
INPUTS/
CHANNEL
INPUTS
PIN 16 = VCC
PIN 7 = VEE
PIN 8 = GND
COMMON
OUTPUT/
INPUT
15
16
14
13
12
11
10
2
1
34567
VCC
9
8
X2
X1
X0
X3
A
B
C
X4
X6
X
X7
X5 Enable VEE GND
Pinout: MC54/74HC4051 (Top View)
OUTPUTS
SELECT
L
L
L
L
H
H
H
H
X
L
L
H
H
L
L
H
H
X
L
H
L
H
L
H
L
H
X
MC54/74HC4051
MC74HC4052
MC54/74HC4053
FUNCTION TABLE – MC54/74HC4051
Control Inputs
ON Channels
Enable
Select
CB
A
X0
X1
X2
X3
X4
X5
X6
X7
NONE
L
L
L
L
L
L
L
L
H
X = Don’t Care
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16
ORDERING INFORMATION
MC54HCXXXXJ
MC74HCXXXXN
MC74HCXXXXD
MC74HCXXXXDW
MC74HCXXXXDT
Ceramic
Plastic
SOIC
SOIC Wide
TSSOP
1
16
DT SUFFIX
TSSOP PACKAGE
CASE 948F–01
DW SUFFIX
SOIC PACKAGE
CASE 751G–02
1
16


Similar Part No. - MC74HCXXXXDT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
455Kb / 15P
   Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
269Kb / 10P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXXDT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
   High-performance Silicon-gate CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
   High–Performance Silicon–Gate CMOS
logo
Integral Corp.
IN9270 INTEGRAL-IN9270 Datasheet
373Kb / 11P
   DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HCT161A MOTOROLA-MC54HCT161A Datasheet
255Kb / 12P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK4541B KODENSHI-KK4541B Datasheet
285Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
KK9270 KODENSHI-KK9270 Datasheet
579Kb / 12P
   DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4541B IKSEMICON-IW4541B Datasheet
204Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com