Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MC06-030-10 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 1MC06-030-10
Description  Thermoelectric Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MC06-030-10 Datasheet(HTML) 1 Page - RMT Ltd.

  1MC06-030-10 Datasheet HTML 1Page - RMT Ltd. 1MC06-030-10 Datasheet HTML 2Page - RMT Ltd. 1MC06-030-10 Datasheet HTML 3Page - RMT Ltd. 1MC06-030-10 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 4
A. TEC Assembly:
Solder SnSb (Tmelt=230°C)
B. Ceramics:
1.Pure Al2O3(100%)
2.Alumina (Al2O3- 96%)
3.Aluminum Nitride (AlN)
100% Al2O3 used as standard
Options available
Performance Parameters
Technical Drawing
Thermoelectric Module Datasheet
RMT Ltd
1MC06-030-XX
Performance data are given at 300K, vacuum
C. Ceramics Surface Options
1. Blank ceramics
2. Metallized:
2.1 Ni / Sn(Bi)
2.2 Gold plating
3. Metallized and pre-tinned:
3.1 Solder 94 (PbSnBi, Tmelt=94°C)
3.2 Solder 117 (In-Sn, Tmelt=117°C)
3.3 Solder 138 (Sn-Bi, Tmelt=138°C)
3.4 Solder 183 (Pb-Sn, Tmelt=183°C)
D. Thermistor (optional)
Can be mounted to cold side
ceramics edge. Calibration
is available.
E. Terminal wires
1. Pre-tinned Copper
2. Insulated Wires
3. Insulated Color Coded
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
h
mm
1MC06-030-xx (N=30)
1MC06-030-05
69
6.8
3.4
3.7
0.88
1.6
0.5
1MC06-030-08
71
4.5
2.2
1.40
1.9
0.8
1MC06-030-10
71
3.7
1.8
1.75
2.1
1.0
1MC06-030-12
71
3.1
1.5
2.05
2.3
1.2
1MC06-030-15
72
2.5
1.2
2.60
2.6
1.5


Similar Part No. - 1MC06-030-10

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06-030-10 RMT-1MC06-030-10 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results

Similar Description - 1MC06-030-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
   Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
   Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
   Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
   Thermoelectric module
HPE-288-14-06 ETC2-HPE-288-14-06 Datasheet
412Kb / 3P
   Thermoelectric module
logo
II-VI Marlow, Inc.
NL3021T-AC-BC VIMARLOW-NL3021T-AC-BC Datasheet
481Kb / 2P
   Thermoelectric Module
logo
RMT Ltd.
2MDX06-022-0510 RMT-2MDX06-022-0510 Datasheet
223Kb / 3P
   Thermoelectric Module
1MC06-126-05 RMT-1MC06-126-05 Datasheet
255Kb / 4P
   Thermoelectric Module
1MC06-142-05 RMT-1MC06-142-05 Datasheet
252Kb / 4P
   Thermoelectric Module
1MD04-003-05 RMT-1MD04-003-05 Datasheet
248Kb / 4P
   Thermoelectric module
1MD04-004-03-1 RMT-1MD04-004-03-1 Datasheet
542Kb / 5P
   Thermoelectric Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com