Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MX06-063-15 Datasheet(PDF) 4 Page - RMT Ltd.

Part # 1MX06-063-15
Description  Thermoelectric module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MX06-063-15 Datasheet(HTML) 4 Page - RMT Ltd.

  1MX06-063-15 Datasheet HTML 1Page - RMT Ltd. 1MX06-063-15 Datasheet HTML 2Page - RMT Ltd. 1MX06-063-15 Datasheet HTML 3Page - RMT Ltd. 1MX06-063-15 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RMT Ltd.
Copyright 2007. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice.
5
Thermoelectric module Datasheet
Applications Tips
Cautions
1. Do not heat TE module more than 200oC (TEC assembled
at 230oC) or 160oC (optional TECs assembled at 183oC).
2. Do not use TE module without attached heat sink at hot
(bottom) side.
3. Connect TE sub-mount to a DC power supply in
acccordance to polarity.
4. Do not apply DC current higher than Imax.
1. Mechanical Mounting
TEC is placed between two heat exchangers . This construction is fixed by screws or in another
mechanical way. It is suitable for large modules (with dimensions 30mmx30mm and larger).
2. Soldering
This method is suitable for a TE module with metallized outside surfaces (cold and hot sides).
RMT provides this option and also makes pre-tinning for TE modules.
3. Glueing
A glue is usually based on some epoxy compound filled with some thermoconductive material such
as graphite or diamond powders, silver, SiN and others. The application of a specific type depends
on application features and the type of a TE module.
Installation
Definitions
Value
Description
Notes
D
Tmax Maximum temperature difference at I=Imax rated at Qmax=0, at other Q it should be estimated as DT=DTmax(1-Q/Qmax)
Qmax
Maximum heat pumping capacity at I=Imax rated at DT=0, at other DT it should be estimated as Q=Qmax(1-DT/DTmax)
Imax
Maximum current
Electric parameters resulting in greatest DTmax
Umax
Maximum voltage drop
Rt
Header thermal resistance
-xx
Thermoelectric pellet length code
Pellet length is "-xx" x 10 (in mm)
Thot
TEC hot side temperature
Performance data shown in specifications are given for Thot=300 K, vacuum
H
Total TEC height
All dimensions are given in mm
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax
Standard Performance Plots
1MX06-063-15


Similar Part No. - 1MX06-063-15

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MX06-063-15 RMT-1MX06-063-15 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MX06-063-15 RMT-1MX06-063-15 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MX06-063-15 RMT-1MX06-063-15 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
More results

Similar Description - 1MX06-063-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
   Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
   Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
   Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
   Thermoelectric module
HPE-288-14-06 ETC2-HPE-288-14-06 Datasheet
412Kb / 3P
   Thermoelectric module
logo
II-VI Marlow, Inc.
NL3021T-AC-BC VIMARLOW-NL3021T-AC-BC Datasheet
481Kb / 2P
   Thermoelectric Module
logo
RMT Ltd.
2MDX06-022-0510 RMT-2MDX06-022-0510 Datasheet
223Kb / 3P
   Thermoelectric Module
1MC06-126-05 RMT-1MC06-126-05 Datasheet
255Kb / 4P
   Thermoelectric Module
1MC06-142-05 RMT-1MC06-142-05 Datasheet
252Kb / 4P
   Thermoelectric Module
1MD04-003-05 RMT-1MD04-003-05 Datasheet
248Kb / 4P
   Thermoelectric module
1MD04-004-03-1 RMT-1MD04-004-03-1 Datasheet
542Kb / 5P
   Thermoelectric Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com