Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9546AD Datasheet(PDF) 11 Page - Texas Instruments

Part # PCA9546AD
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546AD Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCA9546AD Datasheet HTML 7Page - Texas Instruments PCA9546AD Datasheet HTML 8Page - Texas Instruments PCA9546AD Datasheet HTML 9Page - Texas Instruments PCA9546AD Datasheet HTML 10Page - Texas Instruments PCA9546AD Datasheet HTML 11Page - Texas Instruments PCA9546AD Datasheet HTML 12Page - Texas Instruments PCA9546AD Datasheet HTML 13Page - Texas Instruments PCA9546AD Datasheet HTML 14Page - Texas Instruments PCA9546AD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
RL = 1 kΩ
VCC
CL = 50 pF
(See Note A)
tbuf
ticr
tsth
tsds
tsdh
ticf
ticr
tscl
tsch
tsts
tvd(ACK)
or tvdL
tvdH
0.3
× VCC
Stop
Condition
tsps
Repeat
Start
Condition
Start or Repeat
Start Condition
SCL
SDA
Start
Condition
(S)
Address
Bit 7
(MSB)
Data
Bit 0
(LSB)
Stop
Condition
(P)
Two Bytes for Complete
Device Programming
I2C PORT LOAD CONFIGURATION
VOLTAGE WAVEFORMS
ticf
Stop
Condition
(P)
tsp
DUT
SDn, SCn
0.7
× VCC
0.3
× VCC
0.7
× VCC
R/W
Bit 0
(LSB)
ACK
(A)
Data
Bit 7
(MSB)
Address
Bit 1
Address
Bit 6
ACK
(A)
BYTE
DESCRIPTION
I2C address + R/W
Control register data
1
2
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148E – OCTOBER 2005 – REVISED JANUARY 2008
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω,
tr/tf ≤ 30 ns.
C.
The outputs are measured one at a time, with one transition per measurement.
Figure 10. I2C Interface Load Circuit, Byte Descriptions, and Voltage Waveforms
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCA9546A


Similar Part No. - PCA9546AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9546AD PHILIPS-PCA9546AD Datasheet
144Kb / 25P
   4-channel I2C switch with reset
Rev. 03-6 April 2005
logo
Texas Instruments
PCA9546AD TI-PCA9546AD Datasheet
1Mb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
logo
NXP Semiconductors
PCA9546AD NXP-PCA9546AD Datasheet
147Kb / 25P
   4-channel I2C-bus switch with reset
Rev. 05-2 July 2009
logo
Texas Instruments
PCA9546AD TI-PCA9546AD Datasheet
1,020Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546AD TI-PCA9546AD Datasheet
933Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
More results

Similar Description - PCA9546AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9546A TI-PCA9546A_1 Datasheet
1,020Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_2 Datasheet
933Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A Datasheet
1Mb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
TCA9546A TI1-TCA9546A Datasheet
982Kb / 31P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
PCA9546A PHILIPS-PCA9546A Datasheet
144Kb / 25P
   4-channel I2C switch with reset
Rev. 03-6 April 2005
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com