Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65ELT206D Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65ELT206D
Description  5-V TTL-to-Differential PECL Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ELT206D Datasheet(HTML) 2 Page - Texas Instruments

  SN65ELT206D Datasheet HTML 1Page - Texas Instruments SN65ELT206D Datasheet HTML 2Page - Texas Instruments SN65ELT206D Datasheet HTML 3Page - Texas Instruments SN65ELT206D Datasheet HTML 4Page - Texas Instruments SN65ELT206D Datasheet HTML 5Page - Texas Instruments SN65ELT206D Datasheet HTML 6Page - Texas Instruments SN65ELT206D Datasheet HTML 7Page - Texas Instruments SN65ELT206D Datasheet HTML 8Page - Texas Instruments SN65ELT206D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
THERMAL CHARACTERISTICS
KEY ATTRIBUTES
SN65ELT20
SLLS922 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PARAMETER
CONDITIONS
VALUE
UNIT
Absolute PECL-mode supply voltage
VCC (GND = 0 V)
6
V
VIN input voltage
GND = 0 V; VI ≤ VCC
6
V
Continuous
50
mA
Output current
Surge
100
mA
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT-BOARD
JUNCTION-TO-AMBIENT,
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/°C)
(mW)
Low-K
719
139
7
288
SOIC
High-K
840
119
8
336
Low-K
469
213
5
188
SOIC-TSSOP
High-K
527
189
5
211
PARAMETER
PACKAGE
VALUE
UNIT
SOIC
79
θ
JB
Junction-to-board thermal resistance
°C/W
SOIC-TSSOP
120
SOIC
98
θ
JC
Junction-to-case thermal resistance
°C/W
SOIC-TSSOP
74
CHARACTERISTIC
VALUE
SO-8: Level 1
Moisture sensitivity level
TSSOP-8: Level 3
Flammability rating (oxygen index: 28 to 34)
UL 94 V-0 at 0.125 in
ESD—human body model
>4 kV
ESD—machine model
200 V
ESD—charged-device model
2 kV
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65ELT20


Similar Part No. - SN65ELT206D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT206D TI-SN65ELT206D Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
More results

Similar Description - SN65ELT206D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com