Electronic Components Datasheet Search |
|
SN65LVEP11DR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN65LVEP11DR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 13 page ABSOLUTE MAXIMUM RATINGS POWER DISSIPATION RATINGS THERMAL CHARACTERISTICS KEY ATTRIBUTES SN65LVEP11 SLLS930A – NOVEMBER 2008 – REVISED DECEMBER 2008 ........................................................................................................................................ www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. PARAMETER CONDITION VALUE UNIT Absolute PECL mode supply voltage VCC VEE = 0 V 6 V Absolute NECL mode supply voltage, VEE VCC = 0 V –6 V PECL mode input voltage VEE = 0 V; VI ≤ VCC 6 V NECL mode input voltage VCC = 0 V; VI ≥ VEE –6 V Continuous 50 mA Output current Surge 100 mA Operating temperature range –40 to 85 °C Storage temperature range –65 to 150 °C THERMAL RESISTANCE, DERATING FACTOR POWER RATING POWER RATING CIRCUIT BOARD JUNCTION TO AMBIENT PACKAGE TA > 25°C TA = 85°C MODEL TA < 25°C (mW) NO AIRFLOW (mW/°C) (mW) Low-K 719 139 7 288 SOIC High-K 840 119 8 336 Low-K 469 213 5 188 SOIC-TSSOP High-K 527 189 5 211 PARAMETER PACKAGE VALUE UNIT SOIC 79 °C/W θ JB Junction-to Board Thermal Resistance SOIC-TSSOP 120 SOIC 98 °C/W θ JC Junction-to Case Thermal Resistance SOIC-TSSOP 74 CHARACTERISTICS VALUE Internal input pull down resistor 75 k Ω Internal input pull up resistor 37.5 k Ω Moisture sensitivity level Level 1 Flammability rating (Oxygen Index: 28 to 34) UL 94 V-0 at 0.125 in ESD-HBM 4 kV ESD-machine model 200 V ESD-charged device model 2 kV Meets or exceeds JEDEC Spec EIA/JESD78 latchup test 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): SN65LVEP11 |
Similar Part No. - SN65LVEP11DR |
|
Similar Description - SN65LVEP11DR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |