Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1787DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65HVD1787DRG4
Description  Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1787DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD1787DRG4 Datasheet HTML 1Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 2Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1787DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
SLLS872H – JANUARY 2008 – REVISED FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RS-485 with
TA ≤ 85°C
1.5
common-mode load,
VCC > 4.75 V, see
TA ≤ 105°C
1.4
|VOD|
Driver differential output voltage magnitude
V
Figure 1
RL = 54 Ω, 4.75 V ≤ VCC ≤ 5.25 V
1.5
2
RL = 100 Ω, 4.75 V ≤ VCC ≤ 5.25 V
2
2.5
Change in magnitude of driver differential output
Δ|VOD|
RL = 54 Ω
–0.2
0
0.2
V
voltage
VOC(SS) Steady-state common-mode output voltage
1
VCC/2
3
V
Change in differential driver output
ΔVOC
–100
0
100
mV
common-mode voltage
Peak-to-peak driver common-mode output
Center of two 27-
Ω load resistors, See
VOC(PP)
500
mV
voltage
Figure 2
COD
Differential output capacitance
23
pF
Positive-going receiver differential input voltage
VIT+
–100
–10
mV
threshold
Negative-going receiver differential input
VIT–
VCM = –20 V to 25 V
–200
–150
mV
voltage threshold
Receiver differential input voltage threshold
VHYS
30
50
mV
hysteresis (VIT+ – VIT–)
VCC
IOH = –8 mA
2.4
– 0.3
VOH
Receiver high-level output voltage
V
IOH = –400 mA
4
TA ≤ 85°C
0.2
0.4
VOL
Receiver low-level output voltage
IOL = 8 mA
V
TA ≤ 105°C
0.2
0.5
Driver input, driver enable, and receiver enable
II
–100
100
mA
input current
IOZ
Receiver output high-impedance current
VO = 0 V or VCC, RE at VCC
–1
1
mA
IOS
Driver short-circuit output current
–250
250
mA
VI = 12 V
75
125
85, 86,
91, 92
VI = –7 V
–100
–40
VCC = 4.5 to 5.5 V or
II
Bus input current (disabled driver)
mA
VCC = 0 V, DE at 0 V
VI = 12 V
500
87, 93
VI = –7 V
–400
DE = VCC,
Driver and receiver
RE = GND,
4
6
enabled
no load
DE = VCC,
Driver enabled,
RE = VCC,
3
5
mA
receiver disabled
no load
ICC
Supply current (quiescent)
DE = GND,
Driver disabled,
RE = GND,
2
4
receiver enabled
no load
DE = GND,
Driver and receiver
D = open
0.5
5
mA
disabled
RE = VCC,
no load
Supply current (dynamic)
See TYPICAL CHARACTERISTICS section
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1785, SN65HVD1786 SN65HVD1787, SN65HVD1791 SN65HVD1792, SN65HVD1793


Similar Part No. - SN65HVD1787DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1787DRG4 TI-SN65HVD1787DRG4 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1787DRG4 TI-SN65HVD1787DRG4 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results

Similar Description - SN65HVD1787DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com