Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5517IPNR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5517IPNR
Description  MIXED SIGNAL MICROCONTROLLER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5517IPNR Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F5517IPNR Datasheet HTML 1Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 2Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 3Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 4Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 5Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 6Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 7Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 8Page - Texas Instruments MSP430F5517IPNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
Unified
Clock
System
128KB
96KB
64KB
32KB
Flash
8KB+2KB
6KB+2KB
4KB+2KB
RAM
MCLK
ACLK
SMCLK
I/OPorts
P1/P2
2×8I/Os
Interrupt
&Wakeup
PA
1×16I/Os
CPUXV2
and
Working
Registers
EEM
(L:8+2)
XIN XOUT
JTAG/
Interface
SBW
PA
PB
PC
PD
DMA
3Channel
XT2IN
XT OUT
2
Power
Management
LDO
SVM/
Brownout
SVS
SYS
Watchdog
PortMap
Control
(P4)
I/OPorts
P3/P4
2×8I/Os
PB
1×16I/Os
I/OPorts
P5/P6
2×8I/Os
PC
1×16I/Os
I/OPorts
P7/P8
1×8I/Os
1
PD
1×11I/Os
×3I/Os
Full-speed
USB
USB-PHY
USB-LDO
USB-PLL
MPY32
TA0
Timer_A
5CC
Registers
TA1
Timer_A
3CC
Registers
TB0
Timer_B
7CC
Registers
RTC_A
CRC16
USCI0,1
USCI_Ax:
UART,
IrDA,SPI
USCI_Bx:
SPI,I2C
ADC12_A
200KSPS
16Channels
(14ext/2int)
Autoscan
12Bit
DVCC DVSS
AVCC AVSS
P1.x
P2.x
P3.x
P4.x
P5.x
P6.x
DP,DM,PUR
RST/NMI
TA2
Timer_A
3CC
Registers
REF
VCORE
MAB
MDB
P7.x
P8.x
COMP_B
12Channels
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
ORDERING INFORMATION(1)
PACKAGED DEVICES(2)
TA
PLASTIC 80-PIN LQFP (PN)
PLASTIC 64-PIN VQFN (RGC)
PLASTIC 80-BALL BGA (ZQE)
MSP430F5529IPN
MSP430F5528IRGC
MSP430F5528IZQE
MSP430F5527IPN
MSP430F5526IRGC
MSP430F5526IZQE
MSP430F5525IPN
MSP430F5524IRGC
MSP430F5524IZQE
–40°C to 85°C
MSP430F5521IPN
MSP430F5522IRGC
MSP430F5522IZQE
MSP430F5519IPN
MSP430F5514IRGC
MSP430F5514IZQE
MSP430F5517IPN
MSP430F5513IRGC
MSP430F5513IZQE
MSP430F5515IPN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Functional Block Diagram – MSP430F5529IPN, MSP430F5527IPN, MSP430F5525IPN,
MSP430F5521IPN
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - MSP430F5517IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5517IPNR TI-MSP430F5517IPNR Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5517IPNR TI-MSP430F5517IPNR Datasheet
1Mb / 119P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5517IPNR TI1-MSP430F5517IPNR Datasheet
2Mb / 123P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5517IPNR TI1-MSP430F5517IPNR Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5517IPNR TI1-MSP430F5517IPNR Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5517IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com