Electronic Components Datasheet Search |
|
MSP430F5522IRGCR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
MSP430F5522IRGCR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 115 page MSP430F551x MSP430F552x www.ti.com SLAS590D – OCTOBER 2009 – REVISED APRIL 2010 MIXED SIGNAL MICROCONTROLLER 1 FEATURES • Low Supply-Voltage Range: 1.8 V to 3.6 V • 16-Bit Timer TA0, Timer_A With Five Capture/Compare Registers • Ultralow Power Consumption • 16-Bit Timer TA1, Timer_A With Three – Active Mode (AM): Capture/Compare Registers All System Clocks Active 290 µA/MHz at 8 MHz, 3.0 V, Flash Program • 16-Bit Timer TA2, Timer_A With Three Execution (Typical) Capture/Compare Registers 150 µA/MHz at 8 MHz, 3.0 V, RAM Program • 16-Bit Timer TB0, Timer_B With Seven Execution (Typical) Capture/Compare Shadow Registers – Standby Mode (LPM3): • Two Universal Serial Communication Real Time Clock With Crystal , Watchdog, Interfaces and Supply Supervisor Operational, Full – USCI_A0 and USCI_A1 Each Supporting RAM Retention, Fast Wake-Up: – Enhanced UART supporting 1.9 µA at 2.2 V, 2.1 µA at 3.0 V (Typical) Auto-Baudrate Detection Low-Power Oscillator (VLO), – IrDA Encoder and Decoder General-Purpose Counter, Watchdog, and Supply Supervisor Operational, Full RAM – Synchronous SPI Retention, Fast Wake-Up: – USCI_B0 and USCI_B1 Each Supporting 1.4 µA at 3.0 V (Typical) – I2CTM – Off Mode (LPM4): – Synchronous SPI Full RAM Retention, Supply Supervisor • Full-Speed Universal Serial Bus (USB) Operational, Fast Wake-Up: – Integrated USB-PHY 1.1 µA at 3.0 V (Typical) – Integrated 3.3-V/1.8-V USB Power System – Shutdown Mode (LPM4.5): 0.18 µA at 3.0 V (Typical) – Integrated USB-PLL • Wake-Up From Standby Mode in Less Than – Eight Input, Eight Output Endpoints 5 µs • 12-Bit Analog-to-Digital (A/D) Converter • 16-Bit RISC Architecture, Extended Memory, (MSP430F552x Only) With Internal Reference, up to 25-MHz System Clock Sample-and-Hold, and Autoscan Feature • Flexible Power Management System • Comparator – Fully Integrated LDO With Programmable • Hardware Multiplier Supporting 32-Bit Regulated Core Supply Voltage Operations – Supply Voltage Supervision, Monitoring, • Serial Onboard Programming, No External and Brownout Programming Voltage Needed • Unified Clock System • Three Channel Internal DMA – FLL Control Loop for Frequency • Basic Timer With Real-Time Clock Feature Stabilization • Family Members are Summarized in Table 1 – Low Power/Low Frequency Internal Clock • For Complete Module Descriptions, See the Source (VLO) MSP430x5xx Family User's Guide (SLAU208) – Low Frequency Trimmed Internal Reference Source (REFO) – 32-kHz Watch Crystals (XT1) – High-Frequency Crystals up to 32 MHz (XT2) 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2009–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - MSP430F5522IRGCR |
|
Similar Description - MSP430F5522IRGCR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |