Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7702AIDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702AIDR
Description  SUPPLY-VOLTAGE SUPERVISORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702AIDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL7702AIDR Datasheet HTML 2Page - Texas Instruments TL7702AIDR Datasheet HTML 3Page - Texas Instruments TL7702AIDR Datasheet HTML 4Page - Texas Instruments TL7702AIDR Datasheet HTML 5Page - Texas Instruments TL7702AIDR Datasheet HTML 6Page - Texas Instruments TL7702AIDR Datasheet HTML 7Page - Texas Instruments TL7702AIDR Datasheet HTML 8Page - Texas Instruments TL7702AIDR Datasheet HTML 9Page - Texas Instruments TL7702AIDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028I − APRIL 1983 − REVISED JULY 2009
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
30
26
22
18
02
4
6
34
38
ASSERTION TIME
vs
LOAD RESISTANCE
42
810
RL − Load Resistance − kΩ
RESET tr
RESET tf
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
Figure 3
4
3
2
1
02
4
6
5
6
DEASSERTION TIME
vs
LOAD RESISTANCE
7
810
0
RL − Load Resistance − kΩ
RESET tf
RESET tr
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
Figure 4
32
28
24
20
0
25
50
75
100
125
36
40
ASSERTION TIME
vs
LOAD CAPACITANCE
44
150
175
200
RESET tr
RESET tf
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
CL − Load Capacitance − pF
Figure 5
2.4
2
1.6
1.2
2.8
3.2
DEASSERTION TIME
vs
LOAD CAPACITANCE
3.6
RESET tf
RESET tr
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
0
25
50
75
100
125
150
175
200
CL − Load Capacitance − pF
0.8
For proper operation, both RESET and RESET should be terminated with resistors of similar value. Failure to do so may cause unwanted
plateauing in either output waveform during switching.


Similar Part No. - TL7702AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702AIDR TI-TL7702AIDR Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702AIDR TI-TL7702AIDR Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702AIDRE4 TI-TL7702AIDRE4 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702AIDRE4 TI-TL7702AIDRE4 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702AIDRG4 TI-TL7702AIDRG4 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7702AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com