Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS232ECDG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRS232ECDG4
Description  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS232ECDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRS232ECDG4 Datasheet HTML 3Page - Texas Instruments TRS232ECDG4 Datasheet HTML 4Page - Texas Instruments TRS232ECDG4 Datasheet HTML 5Page - Texas Instruments TRS232ECDG4 Datasheet HTML 6Page - Texas Instruments TRS232ECDG4 Datasheet HTML 7Page - Texas Instruments TRS232ECDG4 Datasheet HTML 8Page - Texas Instruments TRS232ECDG4 Datasheet HTML 9Page - Texas Instruments TRS232ECDG4 Datasheet HTML 10Page - Texas Instruments TRS232ECDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DIN
DOUT
CL = 10 pF
(see Note B)
TEST CIRCUIT
≤10 ns
≤10 ns
Input
Output
tPHL
tPLH
VOL
VOH
0 V
3 V
10%
90%
50%
5
µs
WAVEFORMS
90%
50%
10%
RL
90%
10%
90%
10%
tTLH
tTHL
SR +
0.8 (V
OH
– V
OL
)
t
TLH
or
0.8 (V
OL
– V
OH
)
t
THL
Pulse
Generator
(see Note A)
RS-232 Output
RS-232 Output
−3 V
3 V
−3 V
3 V
3 k
10%
1.5 V
90%
WAVEFORMS
20
µs
1.5 V
90%
10%
VOH
VOL
tTLH
tTHL
≤10 ns
≤10 ns
TEST CIRCUIT
CL = 2.5 nF
Pulse
Generator
(see Note A)
Input
Output
SR +
6 V
t
THL
or t
TLH
DIN
DOUT
TRS232E
www.ti.com ................................................................................................................................................. SLLS791C – JUNE 2007 – REVISED SEPTEMBER 2008
PARAMETER MEASUREMENT INFORMATION (continued)
A.
The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
B.
CL includes probe and jig capacitance.
Figure 2. Driver Test Circuit and Waveforms for tPHL and tPLH Measurements (5-µs Input)
A.
The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
Figure 3. Test Circuit and Waveforms for tTHL and tTLH Measurements (20-µs Input)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TRS232E


Similar Part No. - TRS232ECDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232D TI1-TRS232D Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232DG4 TI1-TRS232DG4 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232DR TI1-TRS232DR Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232DRG4 TI1-TRS232DRG4 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
More results

Similar Description - TRS232ECDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E_101 TI-MAX232E_101 Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_09 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202 TI-MAX202 Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com