Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A4516_101 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS12A4516_101
Description  DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS12A4516_101 Datasheet(HTML) 2 Page - Texas Instruments

  TS12A4516_101 Datasheet HTML 1Page - Texas Instruments TS12A4516_101 Datasheet HTML 2Page - Texas Instruments TS12A4516_101 Datasheet HTML 3Page - Texas Instruments TS12A4516_101 Datasheet HTML 4Page - Texas Instruments TS12A4516_101 Datasheet HTML 5Page - Texas Instruments TS12A4516_101 Datasheet HTML 6Page - Texas Instruments TS12A4516_101 Datasheet HTML 7Page - Texas Instruments TS12A4516_101 Datasheet HTML 8Page - Texas Instruments TS12A4516_101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PIN CONFIGURATIONS
N.C. = Not internally connected
NC = Normally closed
NO = Normally open
TS12A4516
D PACKAGE
(TOP VIEW)
COM
N.C.
N.C.
V+
1
2
3
4
NO
V
IN
N.C.
8
7
6
5
TS12A4517
(TOP VIEW)
D PACKAGE
COM
N.C.
N.C.
V
+
1
2
3
4
NC
V
IN
N.C.
8
7
6
5
INPUT
SWITCH STATE
TS12A4516
TS12A4517
ON
ON
OFF
OFF
LOW
HIGH
TS12A4516
DBV PACKAGE
(TOP VIEW)
COM
1
NO
2
V
3
V
+
5
IN
4
TS12A4517
DBV PACKAGE
(TOP VIEW)
COM
1
NC
2
V
3
V
+
5
IN
4
Absolute Minimum and Maximum Ratings
(1) (2)
TS12A4516
,, TS12A4517
SCDS236B – DECEMBER 2006 – REVISED APRIL 2009 ................................................................................................................................................. www.ti.com
voltages referenced to 0 V
MIN
MAX
UNIT
V+
Supply voltage range
–0.3
13
V
VNC
VNO
Analog voltage range(3)
V–0.3
V+ + 0.3
V
VCOM
VIN
Logic input range
V–0.3
V+ + 0.3
V
Continuous current into any terminal
±20
mA
Peak current, NO or COM (pulsed at 1 ms, 10% duty cycle)
±30
mA
ESD per method 3015.7
>2000
V
8-pin SOIC (derate 5.88 mW/°C above 70°C)
471
Continuous power dissipation (TA = 70°C)
mW
5-pin SOT23-5 (derate 7.1 mW/°C above 70°C)
571
TA
Operating temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current
rating.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TS12A4516 TS12A4517


Similar Part No. - TS12A4516_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results

Similar Description - TS12A4516_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
   Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com