Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7702AIP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702AIP
Description  SUPPLY-VOLTAGE SUPERVISORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702AIP Datasheet(HTML) 4 Page - Texas Instruments

  TL7702AIP Datasheet HTML 1Page - Texas Instruments TL7702AIP Datasheet HTML 2Page - Texas Instruments TL7702AIP Datasheet HTML 3Page - Texas Instruments TL7702AIP Datasheet HTML 4Page - Texas Instruments TL7702AIP Datasheet HTML 5Page - Texas Instruments TL7702AIP Datasheet HTML 6Page - Texas Instruments TL7702AIP Datasheet HTML 7Page - Texas Instruments TL7702AIP Datasheet HTML 8Page - Texas Instruments TL7702AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028I − APRIL 1983 − REVISED JULY 2009
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3.5
18
V
VIH
High-level input voltage at RESIN
2
V
VIL
Low-level input voltage at RESIN
0.6
V
TL7702A
0
See Note 2
TL7705A
0
10
VI
Input voltage, SENSE
TL7709A
0
15
V
I
pg
TL7712A
0
20
TL7715A
0
20
IOH
High-level output current, RESET
−16
mA
IOL
Low-level output current, RESET
16
mA
T
Operating free air temperature range
TL77xxAC
0
70
°C
TA
Operating free-air temperature range
TL77xxAI
−40
85
°C
NOTE 2: For proper operation of the TL7702A, the voltage applied to the SENSE terminal should not exceed VCC − 1 V or 6 V, whichever is less.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TL77xxAC
TL77xxAI
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, RESET
IOH = −16 mA
VCC−1.5
V
VOL
Low-level output voltage, RESET
IOL = 16 mA
0.4
V
Vref
Reference voltage
TA = 25°C
2.48
2.53
2.58
V
TL7702A
2.48
2.53
2.58
Nti
i
it th
h ld
lt
TL7705A
4.5
4.55
4.6
VIT−
Negative-going input threshold voltage,
SENSE
TL7709A
TA = 25°C
7.5
7.6
7.7
V
VIT−
SENSE
TL7712A
TA
25 C
10.6
10.8
11
V
TL7715A
13.2
13.5
13.8
TL7702A
10
TL7705A
15
Vhys
Hysteresis, SENSE (VIT+ − VIT−)
TL7709A
TA = 25°C
20
mV
Vhys
Hysteresis, SENSE (VIT+
VIT−)
TL7712A
TA
25 C
35
mV
TL7715A
45
RESIN
VI = 2.4 V to VCC
20
II
Input current
RESIN
VI = 0.4 V
−100
µA
II
Input current
SENSE
TL7702A
Vref < VI < VCC − 1.5 V
0.5
2
µA
IOH
High-level output current, RESET
VO = 18 V
50
µA
IOL
Low-level output current, RESET
VO = 0
−50
µA
ICC
Supply current
All inputs and outputs open
1.8
3
mA
All electrical characteristics are measured with 0.1-
µF capacitors connected at REF, CT, and VCC to GND.


Similar Part No. - TL7702AIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL7702AIP STMICROELECTRONICS-TL7702AIP Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7702AIP TI-TL7702AIP Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702AIP TI-TL7702AIP Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702AIP TI-TL7702AIP Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702AIPE4 TI-TL7702AIPE4 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7702AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com