Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2209 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2209
Description  OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2209 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2209 Datasheet HTML 6Page - Texas Instruments OPA2209 Datasheet HTML 7Page - Texas Instruments OPA2209 Datasheet HTML 8Page - Texas Instruments OPA2209 Datasheet HTML 9Page - Texas Instruments OPA2209 Datasheet HTML 10Page - Texas Instruments OPA2209 Datasheet HTML 11Page - Texas Instruments OPA2209 Datasheet HTML 12Page - Texas Instruments OPA2209 Datasheet HTML 13Page - Texas Instruments OPA2209 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Time(1 s/div)
m
+18V
R
L
C
L
-18V
OPA209
G=+1
R =604W
L
C =100pF
L
Time(1 s/div)
m
G= 1
-
C =100pF
L
+18V
R
I
604W
R
F
604W
-18V
C
L
OPA209
0.25ms/div
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
OPA209
Output
Output
Time(0.5 s/div)
m
0V
V
IN
V
OUT
1kW
10kW
V
IN
V
OUT
OPA209
G= 10
-
Time(0.5 s/div)
m
0V
V
IN
V
OUT
G= 10
-
1kW
10kW
V
IN
V
OUT
OPA209
0
200
1600
400
600
800
1000
1200
1400
CapacitiveLoad(pF)
60
50
40
30
20
10
0
G=+1
G= 1
-
OPA209
OPA2209
OPA4209
SBOS426B – NOVEMBER 2008 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, RL = 10kΩ connected to midsupply, and VCM = VOUT = midsupply, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
Figure 25.
Figure 26.
NO PHASE REVERSAL
NEGATIVE OVERLOAD RECOVERY
Figure 27.
Figure 28.
POSITIVE OVERVOLTAGE RECOVERY
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA209 OPA2209 OPA4209


Similar Part No. - OPA2209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2202 TI1-OPA2202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA2202 TI1-OPA2202 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA2202 TI1-OPA2202 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA2202 TI1-OPA2202 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA2202 TI1-OPA2202 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results

Similar Description - OPA2209

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com