Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV711 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV711
Description  Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV711 Datasheet(HTML) 1 Page - Texas Instruments

  TLV711 Datasheet HTML 1Page - Texas Instruments TLV711 Datasheet HTML 2Page - Texas Instruments TLV711 Datasheet HTML 3Page - Texas Instruments TLV711 Datasheet HTML 4Page - Texas Instruments TLV711 Datasheet HTML 5Page - Texas Instruments TLV711 Datasheet HTML 6Page - Texas Instruments TLV711 Datasheet HTML 7Page - Texas Instruments TLV711 Datasheet HTML 8Page - Texas Instruments TLV711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OUT1
OUT2
GND
6
5
4
EN1
IN
EN2
1
2
3
TLV710
TLV711
1.5mmx1.5mmSON-6
(TOPVIEW)
IN
EN1
EN2
GND
OUT1
OUT2
ON
OFF ON
OFF
V
IN
C
IN
C
1 F
Ceramic
m
OUT1
C
OUT2
1 F
Ceramic
m
V
OUT1
V
OUT2
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
Dual, 200mA, Low-IQ
Low-Dropout Regulator for Portable Devices
1
FEATURES
DESCRIPTION
2
Very Low Dropout:
The TLV710 and TLV711 series of dual, low-dropout
(LDO) linear regulators are low quiescent current
150mV at IOUT = 200mA and VOUT = 2.8V
devices
with
excellent
line
and
load
transient
75mV at IOUT = 100mA and VOUT = 2.8V
performance.
These
LDOs
are
designed
for
40mV at IOUT = 50mA and VOUT = 2.8V
power-sensitive applications. These devices provide
2% Accuracy Over Temperature
a typical accuracy of 2% over temperature.
Low IQ of 35mA per Regulator
The TLV711 series provides an active pulldown
circuit to quickly discharge the outputs.
Multiple Fixed Output Voltage Combinations
Possible from 1.2V to 4.8V
In addition, the TLV711-D series of devices have
High PSRR: 70dB at 1kHz
pull-down resistors at the EN pins. This design helps
in disabling the device when the signal-driving EN
Stable with Effective Capacitance of 0.1mF
(1)
pins are in a weak, indeterminate state (for example,
Over-Current and Thermal Protection
the GPIO of a processor that might be three-stated
Dedicated VREF for Each Output Minimizes
during startup). The pull-down resistor pulls the
Crosstalk
voltage to the EN pins down to 0V, thus disabling the
device.
Available in 1.5mm × 1.5mm SON-6 Package
The TLV710 and TLV711 series are available in a
(1)
See the Input and Output Capacitor Requirements in the
Application Information section
1.5mm x 1.5mm SON-6 package, and are ideal for
handheld applications.
APPLICATIONS
Wireless Handsets, Smart Phones, PDAs
MP3 Players and Other Handheld Products
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV711 TI1-TLV711 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV711 TI1-TLV711 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111225 TI1-TLV7111225 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV7111225DSER TI1-TLV7111225DSER Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV7111225DSER TI1-TLV7111225DSER Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV710 TI1-TLV710_12 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_17 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7103318-Q1 TI1-TLV7103318-Q1_17 Datasheet
1Mb / 22P
[Old version datasheet]   Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com