Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2492 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2492
Description  Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2492 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2492_10 Datasheet HTML 3Page - Texas Instruments TPS2492_10 Datasheet HTML 4Page - Texas Instruments TPS2492_10 Datasheet HTML 5Page - Texas Instruments TPS2492_10 Datasheet HTML 6Page - Texas Instruments TPS2492_10 Datasheet HTML 7Page - Texas Instruments TPS2492_10 Datasheet HTML 8Page - Texas Instruments TPS2492_10 Datasheet HTML 9Page - Texas Instruments TPS2492_10 Datasheet HTML 10Page - Texas Instruments TPS2492_10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LIM
SENSE
50mV
I
R
=
TPS2492
TPS2493
www.ti.com
SLUSA65A – JULY 2010 – REVISED AUGUST 2010
DETAILED PIN DESCRIPTION
The following description relies on the Typical Application Diagram shown on page 1, and the Functional Block
Diagram.
VCC: This pin is associated with three functions:
1. Biasing power to the integrated circuit,
2. Input to power on reset (POR) and under-voltage lockout (UVLO) functions, and
3. Voltage sense at one terminal of RSENSE for M1 current measurement.
The voltage must exceed the POR (about 6 V for roughly 400 µs) and the internal UVLO (about 8 V) before
normal operation (driving the GATE) may begin. Connections to VCC should be designed to minimize RSENSE
voltage sensing errors and to maximize the effect of C1 and D1; place C1 at RSENSE rather than at the device pin
to eliminate transient sensing errors. GATE, PROG, and TIMER are held low when either UVLO or POR are
active. PG and FLT are open drain when either UVLO or POR are active.
SENSE: Monitors the voltage at the drain of M1, and the downstream side of RSENSE providing the constant
power limit engine with feedback of both M1 current (ID) and voltage (VDS). Voltage is determined by the
difference between SENSE and OUT, while the current analog is the voltage difference between VCC and
SENSE. The constant power engine uses VDS to compute the allowed ID and is clamped to 50 mV, acting like a
traditional current limit at low VDS. The current limit is set by the following equation:
(1)
Design the connections to SENSE to minimize RSENSE voltage sensing errors. Don't drive SENSE to a large
voltage difference from VCC because it is internally clamped to VCC. The current limit function can be disabled
by connecting SENSE to VCC.
GATE: Provides the high side (above VCC) gate drive for external N-channel FET. It is controlled by the internal
gate drive amplifier, which provides a pull-up of 22 µA from an internal charge pump and both strong (125 mA)
and weak (2 mA) pull-downs to ground. The strong pull down is triggered by an overvoltage on the OV pin or
large overcurrent to the load. The strong pull-down current is a non-linear function of the gate amplifier overdrive;
it provides small drive for small overloads, but large overdrive for fast reaction to an output short. There is a
separate pull-down of 2 mA to shut the MOSFET off when UVEN or UVLO cause this to happen. If an output
short causes the VCC to fall below the UVLO, the turnoff speed will be limited by the 2mA turnoff current. An
internal clamp protects the gate of the FET (to OUT).
OUT: This input pin is used by the constant power engine and the PG comparator to measure VDS of M1 as
V(SENSE-OUT). Internal protection circuits leak a small current from this pin when it is low. If the load circuit can
drive OUT below ground, connect a clamp (or freewheel) diode from OUT (cathode) to GND (anode). The diode
should clamp the output above -1 V during the transient.
UVEN: The positive threshold of UVEN must be exceeded before the GATE driver is enabled. If the UVEN pin
drops below the UVEN negative threshold while the GATE driver is enabled, the GATE driver will be pulled to
GND by the 2-mA pull down. UVEN can be used as a logic control input, an analog input voltage monitor as
illustrated by R1, R2 and R3 in the Typical Application Circuit, or it can be tied to VCC to always enable the
TPS2492/3. The hysteresis associated with the internal comparator makes this a stable method of detecting a
low input condition and shutting the downstream circuits off. A TPS2492 that has latched off can be reset by
cycling UVEN below its negative threshold and back high.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2492 TPS2493


Similar Part No. - TPS2492_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI1-TPS2490 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2490DGS TI-TPS2490DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2492_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com