Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7578SRGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7578SRGER
Description  8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7578SRGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7578SRGER Datasheet HTML 2Page - Texas Instruments DAC7578SRGER Datasheet HTML 3Page - Texas Instruments DAC7578SRGER Datasheet HTML 4Page - Texas Instruments DAC7578SRGER Datasheet HTML 5Page - Texas Instruments DAC7578SRGER Datasheet HTML 6Page - Texas Instruments DAC7578SRGER Datasheet HTML 7Page - Texas Instruments DAC7578SRGER Datasheet HTML 8Page - Texas Instruments DAC7578SRGER Datasheet HTML 9Page - Texas Instruments DAC7578SRGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
LDAC
1
LDAC2
CLR
Low Byte Ack Cycle
P
S
t
HD:STA
t
HD:DAT
t
SU:DAT
t
SU:STA
t
HD:STA
S
P
SCL
SDA
t
LOW
t
R
t
F
t
BUF
t
SU:STO
t
1
t
2
t
3
t
4
t
HIGH
DAC5578
DAC6578
DAC7578
SBAS496A – MARCH 2010 – REVISED AUGUST 2010
www.ti.com
TIMING DIAGRAM
(1)
Asynchronous LDAC update mode. For more information and details, see the LDAC Functionality section.
(2)
Synchronous LDAC update mode. For more information and details, see the LDAC Functionality section.
Figure 1. Serial Write Operation
TIMING REQUIREMENTS
(1)
At AVDD = 2.7 V to 5.5 V and –40°C to +125°C range (unless otherwise noted).
STANDARD
FAST
HIGH SPEED
MODE
MODE
MODE
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
SCL frequency, fSCL
0.1
0.4
3.4
MHz
Bus free time between STOP and START conditions, tBUF
4.7
1.3
µs
Hold time after repeated start, tHDSTA
4
0.6
0.16
µs
Repeated Start setup time, tSUSTA
4.7
0.6
0.16
µs
STOP condition setup time, tSUSTO
4
0.6
0.16
µs
Data hold time, tHDDAT
0
0
0
ns
Data setup time, tSUDAT
250
100
10
ns
SCL clock LOW period, tLOW
4700
1300
160
ns
SCL clock HIGH period, tHIGH
4000
600
60
ns
Clock/Data fall time, tF
300
300
160
ns
Clock/Data rise time, tR
1000
300
160
ns
LDAC pulse width LOW time, t1
40
10
1.2
µs
SCL falling edge to LDAC falling edge for asynchronous LDAC update, t2
20
5
0.6
µs
LDAC falling edge to SCL falling edge for synchronous LDAC update, t3
360
90
10.5
µs
CLR pulse width LOW time, t4
40
10
1.2
µs
(1)
See the Serial Write Operation timing diagram.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5578 DAC6578 DAC7578


Similar Part No. - DAC7578SRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
[Old version datasheet]   2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571IDBVR TI-DAC7571IDBVR Datasheet
766Kb / 21P
[Old version datasheet]   2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571IDBVR TI1-DAC7571IDBVR Datasheet
1Mb / 27P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571IDBVRG4 TI1-DAC7571IDBVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571IDBVT TI-DAC7571IDBVT Datasheet
766Kb / 21P
[Old version datasheet]   2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7578SRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7678 TI-DAC7678_10 Datasheet
1Mb / 52P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com