Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265C Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6265C
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6265C Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6265C Datasheet HTML 1Page - Intersil Corporation ISL6265C Datasheet HTML 2Page - Intersil Corporation ISL6265C Datasheet HTML 3Page - Intersil Corporation ISL6265C Datasheet HTML 4Page - Intersil Corporation ISL6265C Datasheet HTML 5Page - Intersil Corporation ISL6265C Datasheet HTML 6Page - Intersil Corporation ISL6265C Datasheet HTML 7Page - Intersil Corporation ISL6265C Datasheet HTML 8Page - Intersil Corporation ISL6265C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Multi-Output Controller with Integrated MOSFET
Drivers for AMD SVI Capable Mobile CPUs
ISL6265C
The ISL6265C is a multi-output controller with embedded
gate drivers. A single-phase controller powers the
Northbridge (VDDNB) portion of the CPU. The two
remaining controller channels can be configured for
two-phase or individual single-phase outputs. For
uniplane CPU applications, the ISL6265C is configured as
a two-phase buck converter. This allows the controller to
interleave channels to effectively double the output
voltage ripple frequency, and thereby reduce output
voltage ripple amplitude with fewer components, lower
component cost, reduced power dissipation, and smaller
area. For dual-plane processors, the ISL6265C can be
configured as independent single-phase controllers
powering VDD0 and VDD1.
The heart of the ISL6265C is the patented R3
Technology™, Intersil’s Robust Ripple Regulator
modulator. Compared with the traditional buck regulator,
the R3 Technology
™ has a faster transient response. This
is due to the R3 modulator commanding variable
switching frequency during a load transient.
The Serial VID Interface (SVI) allows dynamic
adjustment of the Core and Northbridge output voltages
independently and in combination from 0.500V to 1.55V.
Core and Northbridge output voltages achieve a 0.5%
system accuracy over-temperature.
A unity-gain differential amplifier is provided for remote
CPU die sensing. This allows the voltage on the CPU die
to be accurately regulated per AMD mobile CPU
specifications. Core output current sensing is realized
using lossless inductor DCR sensing. All outputs feature
overcurrent, overvoltage and undervoltage protection.
Features
• Core Configuration Flexibility
- Dual Plane, Single-Phase Controllers
- Uniplane, Two-Phase Controller
• Precision Voltage Regulators
- 0.5% System Accuracy Over-temperature
• Voltage Positioning with Adjustable Load Line and Offset
• Internal Gate Drivers with 2A Driving Capability
• Differential Remote CPU Die Voltage Sensing
• Core Differential Current Sensing: DCR or Resistor
• Northbridge Lossless rDS(ON) Current Sensing
• Serial VID Interface
- Two Wire Clock and Data Bus
- Supports High-Speed I2C
- 0.500V to 1.55V in 12.5mV Steps
- Supports PSI_L Power-Saving Mode
• Core Outputs Feature Phase Shedding with PSI_L
• Adjustable Output-Voltage Offset
• Digital Soft-Start of all Outputs
• User Programmable Switching Frequency
• Static and Dynamic Current Sharing (Uniplane Core)
• Overvoltage, Undervoltage, and Overcurrent Protection
• Pb-Free (RoHS compliant)
Applications*(see page 26)
• AMD Griffin Platform CPU
• Notebook Core/GPU Voltage Regulators
Related Literature*(see page 26)
•See FN6884 for “Multi-Output Controller with Integrated
MOSFET Drivers for AMD SVI Capable Mobile CPUs”
Simplified System Diagram
CORE_1
ISL6265C
CORE_0
POWER
STAGE
POWER
STAGE
POWER
STAGE
July 28, 2010
FN6976.1


Similar Part No. - ISL6265C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CHRTZ RENESAS-ISL6265CHRTZ Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CHRTZ-T RENESAS-ISL6265CHRTZ-T Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CIRTZ RENESAS-ISL6265CIRTZ Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CIRTZ-T RENESAS-ISL6265CIRTZ-T Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results

Similar Description - ISL6265C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com