Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265C Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6265C
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6265C Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6265C Datasheet HTML 7Page - Intersil Corporation ISL6265C Datasheet HTML 8Page - Intersil Corporation ISL6265C Datasheet HTML 9Page - Intersil Corporation ISL6265C Datasheet HTML 10Page - Intersil Corporation ISL6265C Datasheet HTML 11Page - Intersil Corporation ISL6265C Datasheet HTML 12Page - Intersil Corporation ISL6265C Datasheet HTML 13Page - Intersil Corporation ISL6265C Datasheet HTML 14Page - Intersil Corporation ISL6265C Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ISL6265C
11
FN6976.1
July 28, 2010
Error Amp Gain-Bandwidth
Product (Note 7)
GBW
CL = 20pF
-
18
-
MHz
Error Amp Slew Rate (Note 7)
SR
CL = 20pF
-
5.0
-
V/µs
CORE CURRENT SENSE
Current Imbalance Threshold
Di
-4-
mV
Input Bias Current
-20
-
nA
RTN1 Threshold
-0.8
-
V
SOFT START/VID-ON-THE-FLY
Soft-Start Voltage Transition
VSS
1.25
1.875
2.50
mV/µs
VID on the Fly Transition
5
7.5
10
mV/µs
GATE DRIVER DRIVING CAPABILITY [CORE AND NB]
UGATE Source Resistance
(Note 8)
RSRC(UGATE) 500mA Source Current
-
1
1.5
Ω
UGATE Source Current (Note 8)
ISRC(UGATE) VUGATE_PHASE = 2.5V
-
2
-
A
UGATE Sink Resistance (Note 8)
RSNK(UGATE) 500mA Sink Current
-
1
1.5
Ω
UGATE Sink Current (Note 8)
ISNK(UGATE) VUGATE_PHASE = 2.5V
-
2
-
A
LGATE Source Resistance
(Note 8)
RSRC(LGATE) 500mA Source Current
-
1
1.5
Ω
LGATE Source Current (Note 8) ISRC(LGATE) VLGATE = 2.5V
-
2
-
A
LGATE Sink Resistance (Note 8)
RSNK(LGATE) 500mA Sink Current
-
0.5
0.9
Ω
LGATE Sink Current (Note 8)
ISNK(LGATE) VLGATE = 2.5V
-
4
-
A
UGATE to PHASE Resistance
Rp(UGATE)
-1-
GATE DRIVER SWITCHING TIMING (Refer to “ISL6265C Gate Driver Timing Diagram” on page 13)
UGATE Rise Time (Note 7)
tRU
PVCC = 5V, 3nF Load
-
8.0
-
ns
LGATE Rise Time (Note 7)
tRL
PVCC = 5V, 3nF Load
-
8.0
-
ns
UGATE Fall Time (Note 7)
tFU
PVCC = 5V, 3nF Load
-
8.0
-
ns
LGATE Fall Time (Note 7)
tFL
PVCC = 5V, 3nF Load
-
4.0
-
ns
UGATE Turn-on Propagation
Delay
tPDHU
PVCC = 5V, Outputs Unloaded
-
36
-
ns
LGATE Turn-on Propagation
Delay
tPDHL
PVCC = 5V, Outputs Unloaded
-
20
-
ns
BOOTSTRAP DIODE
Forward Voltage
VDDP = 5V, Forward Bias
Current = 2mA
0.43
0.58
0.67
V
Leakage
VR = 16V
-
-
5
µA
POWER-GOOD AND PROTECTION MONITOR
PGOOD Low Voltage
VOL
IPGOOD = 4mA
-
0.2
0.5
V
PGOOD Leakage Current
IOH
PGOOD = 5V
-1
-
1
µA
PGOOD High After Soft-Start
Enable to PGOOD High, VCOREx = 1.1V
570
700
1010
µs
PGOOD Low After Fault
Fault to PGOOD Low
160
208
250
µs
Undervoltage Threshold
UVH
VCOREx falls below set-point for 208µs
240
295
350
mV
Electrical Specifications VCC = PVCC = 5V, VIN = 12V, TA = -10°C to +100°C, Unless Otherwise Specified. Boldface
limits apply over the operating temperature range, -10°C to +100°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS


Similar Part No. - ISL6265C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CHRTZ RENESAS-ISL6265CHRTZ Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CHRTZ-T RENESAS-ISL6265CHRTZ-T Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CIRTZ RENESAS-ISL6265CIRTZ Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CIRTZ-T RENESAS-ISL6265CIRTZ-T Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results

Similar Description - ISL6265C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com