Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12027A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL12027A
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12027A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL12027A Datasheet HTML 2Page - Intersil Corporation ISL12027A Datasheet HTML 3Page - Intersil Corporation ISL12027A Datasheet HTML 4Page - Intersil Corporation ISL12027A Datasheet HTML 5Page - Intersil Corporation ISL12027A Datasheet HTML 6Page - Intersil Corporation ISL12027A Datasheet HTML 7Page - Intersil Corporation ISL12027A Datasheet HTML 8Page - Intersil Corporation ISL12027A Datasheet HTML 9Page - Intersil Corporation ISL12027A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN8232.8
August 12, 2010
tSU:STA START Condition Set-up Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD.
600
ns
tHD:STA START Condition Hold Time
From SDA falling edge crossing 30%
of VDD to SCL falling edge crossing
70% of VDD.
600
ns
tSU:DAT Input Data Set-up Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD.
100
ns
tHD:DAT Input Data Hold Time
From SCL falling edge crossing 70% of
VDD to SDA entering the 30% to 70%
of VDD window.
0ns
tSU:STO STOP Condition Set-up Time
From SCL rising edge crossing 70% of
VDD, to SDA rising edge crossing 30%
of VDD.
600
ns
tHD:STO STOP Condition Hold Time for
Read, or Volatile Only Write
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of
VDD, until SDA enters the 30% to 70%
of VDD window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 +
0.1xCb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +
0.1xCb
250
ns
Cpin
SDA, and SCL Pin Capacitance
10
pF
tWC
Non-Volatile Write Cycle Time
12
20
ms
14
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 +
0.1xCb
250
ns
15
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +
0.1xCb
250
ns
15
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
15
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about
2k
Ω~2.5kΩ.
For Cb = 40pF, max is about
15k
Ω~20kΩ
1k
Ω
15
NOTES:
7. RESET Inactive (no reset).
8. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz.
9. VRESET = 2.63V (VDD must be greater than VRESET), VBAT = 0V.
10. Bit BSW = 0 (Standard Mode), ATR = 00h, VBAT ≥1.8V.
11. Specified at +25°C.
12. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
13. Parameter is not 100% tested.
14. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation, to the end of the self-timed internal non-volatile write cycle.
15. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
16. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
Serial Interface (I2C) Specifications (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
ISL12027, ISL12027A


Similar Part No. - ISL12027A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12027A RENESAS-ISL12027A Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
ISL12027AIB27Z RENESAS-ISL12027AIB27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
ISL12027AIV27Z RENESAS-ISL12027AIV27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
More results

Similar Description - ISL12027A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com