Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL31472E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL31472E
Description  Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31472E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL31472E Datasheet HTML 1Page - Intersil Corporation ISL31472E Datasheet HTML 2Page - Intersil Corporation ISL31472E Datasheet HTML 3Page - Intersil Corporation ISL31472E Datasheet HTML 4Page - Intersil Corporation ISL31472E Datasheet HTML 5Page - Intersil Corporation ISL31472E Datasheet HTML 6Page - Intersil Corporation ISL31472E Datasheet HTML 7Page - Intersil Corporation ISL31472E Datasheet HTML 8Page - Intersil Corporation ISL31472E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL31470E, ISL31472E, ISL31475E, ISL31478E
2
FN7639.0
June 17, 2010
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
EN
PINS?
HOT
PLUG?
QUIESCENT
ICC (mA)
LOW POWER
SHDN?
PIN
COUNT
ISL31470E
Full
0.25
Yes
Yes
Yes
2.3
Yes
14
ISL31472E
Half
0.25
Yes
Yes
Yes
2.3
Yes
8
ISL31475E
Half
1
Yes
Yes
Yes
2.3
Yes
8
ISL31478E
Half
15
No
Yes
Yes
2.3
Yes
8
Ordering Information
PART NUMBER
(Note 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL31470EIBZ (Note 1)
ISL31470 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL31472EIBZ (Note 1)
31472 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL31472EIPZ (Note 2)
31472 EIPZ
-40 to +85
8 Ld PDIP
E8.3
ISL31475EIBZ (Note 1)
31475 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL31478EIBZ (Note 1)
31478 EIBZ
-40 to +85
8 Ld SOIC
M8.15
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder
processing applications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information pages for ISL31470E, ISL31472E, ISL31475E, ISL31478E.
For more information on MSL please see techbrief TB363.
Pin Configurations
ISL31472E, ISL31475E, ISL31478E
(8 LD SOIC, 8 LD PDIP)
TOP VIEW
ISL31470E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
VCC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R


Similar Part No. - ISL31472E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL31472E RENESAS-ISL31472E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31472EIBZ RENESAS-ISL31472EIBZ Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31472EIPZ RENESAS-ISL31472EIPZ Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results

Similar Description - ISL31472E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com