Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL31478E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL31478E
Description  Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31478E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL31478E Datasheet HTML 1Page - Intersil Corporation ISL31478E Datasheet HTML 2Page - Intersil Corporation ISL31478E Datasheet HTML 3Page - Intersil Corporation ISL31478E Datasheet HTML 4Page - Intersil Corporation ISL31478E Datasheet HTML 5Page - Intersil Corporation ISL31478E Datasheet HTML 6Page - Intersil Corporation ISL31478E Datasheet HTML 7Page - Intersil Corporation ISL31478E Datasheet HTML 8Page - Intersil Corporation ISL31478E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Fault Protected, Extended Common Mode Range,
RS-485/RS-422 Transceivers
ISL31470E, ISL31472E, ISL31475E, ISL31478E
The ISL31470E, ISL31472E, ISL31475E, ISL31478E are
fault protected, extended common mode range
differential transceivers that exceed the RS-485 and
RS-422 standards for balanced communication. The
RS-485 bus pins (driver outputs and receiver inputs)
are protected against overvoltages up to ±60V.
Additionally, these transceivers operate in environments
with common mode voltages up to ±15V (exceeds the
RS-485 requirement), making this RS-485 family one
of the more robust on the market.
Transmitters deliver an exceptional 2.5V (typical)
differential output voltage into the RS-485 specified 54Ω
load. This yields better noise immunity than standard
RS-485 ICs, or allows up to six 120Ω terminations in star
topologies.
Receiver (Rx) inputs feature a “Full Fail-Safe” design
which ensures a logic high Rx output if Rx inputs are
floating, shorted, or on a terminated but undriven (idle)
bus. Rx outputs feature high drive levels - typically
15mA @ VOL = 1V (to ease the design of opto-coupled
isolated interfaces).
Half duplex (Rx inputs and Tx outputs multiplexed
together) and full duplex pinouts are available. See Table
1 on page 2 for key features and configurations by device
number.
For an RS-485 family with a ±25V extended common
mode range, please see the ISL31490E and ISL31480E
data sheets.
Features
• Fault Protected RS-485 Bus Pins. . . . . . .up to ±60V
• Extended Common Mode Range . . . . . . . . . . .±15V
Larger Than Required for RS-485
• 1/4 Unit Load for up to 128 Devices on the Bus
• High Transient Over Voltage Tolerance . . . . . . ±80V
• Full Fail-safe (Open, Short, Terminated) RS-485
Receivers
• High Rx IOL for Opto-Couplers in Isolated Designs
• Hot Plug Circuitry - Tx and Rx Outputs Remain
Three-State During Power-up/Power-down
• Choice of RS-485 Data Rates . . . .250kbps to 15Mbps
• Low Quiescent Supply Current . . . . . . . . . . 2.3mA
Ultra Low Shutdown Supply Current . . . . . . . 10μA
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters/Automated Meter Reading Systems
• High Node Count Systems
• PROFIBUS™ and Field Bus Networks, and Factory
Automation
• Security Camera Networks
• Building Lighting and Environmental Control Systems
• Industrial/Process Control Networks
Exceptional Rx Operates at
>15Mbps Even with ±15V
Common Mode Voltage
Transceivers Deliver Superior
Common Mode Range vs
Standard RS-485 Devices
TIME (20ns/DIV)
-5
0
5
10
15
20
B
VID = ±1V
A
RO
ISL3147xE
STANDARD RS-485
TRANSCEIVER
-15
-7
0
12
15
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2010 All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
June 17, 2010
FN7639.0


Similar Part No. - ISL31478E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL31478E RENESAS-ISL31478E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31478EIBZ RENESAS-ISL31478EIBZ Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results

Similar Description - ISL31478E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com