Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54225 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54225
Description  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54225 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54225_10 Datasheet HTML 2Page - Intersil Corporation ISL54225_10 Datasheet HTML 3Page - Intersil Corporation ISL54225_10 Datasheet HTML 4Page - Intersil Corporation ISL54225_10 Datasheet HTML 5Page - Intersil Corporation ISL54225_10 Datasheet HTML 6Page - Intersil Corporation ISL54225_10 Datasheet HTML 7Page - Intersil Corporation ISL54225_10 Datasheet HTML 8Page - Intersil Corporation ISL54225_10 Datasheet HTML 9Page - Intersil Corporation ISL54225_10 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN7627.0
July 2, 2010
COM ON Capacitance,
CDX(ON)
f = 240MHz, VDD = 3.3V, SEL = 0V or 3.3V,
OE = 0V (see Figure 4)
25
-
3.3
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
5.25
V
Positive Supply Current, IDD VDD = 5.25V, SEL = 0V or VDD, OE = 0V
25
-
45
58
µA
Full
-
-
66
µA
Positive Supply Current, IDD VDD = 3.6V, SEL = 0V or VDD, OE = 0V
25
-
23
30
µA
Full
-
-
35
µA
Positive Supply Current,
IDD (Low Power State)
VDD = 3.6V, SEL = 0V, OE = VDD
25
-
5
6
µA
Full
-
-
10
µA
Positive Supply Current, IDD VDD = 4.3V, SEL = 2.6V, OE = 0V or 2.6V
25
-
35
45
µA
Full
-
-
52
µA
Positive Supply Current, IDD VDD = 3.6V, SEL = 1.4V, OE = 0V or 1.4V
25
-
25
32
µA
Full
-
-
38
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VSELL,
VOEL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Input Voltage High, VSELH,
VOEH
VDD = 2.7V to 3.6V
Full
1.4
-
5.25
V
Input Voltage Low, VSELL,
VOEL
VDD = 3.7V to 4.2V
Full
-
-
0.7
V
Input Voltage High, VSELH,
VOEH
VDD = 3.7V to 4.2
Full
1.7
-
5.25
V
Input Voltage Low, VSELL,
VOEL
VDD = 4.3V to 5.25V
Full
-
-
0.8
V
Input Voltage High, VSELH,
VOEH
VDD = 4.3V to 5.25V
Full
2.0
-
5.25
V
Input Current, ISELL, IOEH VDD = 5.25V, SEL = 0V, OE = 5.25V
Full
-
3.3
-
nA
Input Current, ISELH
VDD = 5.25V, SEL = 5.25V, 4MΩ pull-down
resistor
Full
-
1.4
-
µA
Input Current, IOEL
VDD = 5.25V, OE = 0V, 4MΩ pull-up resistor
Full
-
1.4
-
µA
NOTES:
10. VLOGIC = Input voltage to perform proper function.
11. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this
data sheet.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
13. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
14. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with
lowest max rON value, between HSD2+ and HSD2- or between HSD1+ and HSD1-.
15. Limits established by characterization and are not production tested.
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V,
VSELL = 0.5V, VOEH =1.4V, VOEL = 0.5V, (Note 10), Unless
Otherwise Specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12) TYP
MAX
(Notes 11, 12) UNITS
ISL54225


Similar Part No. - ISL54225_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54225IRTZ RENESAS-ISL54225IRTZ Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRTZ-T RENESAS-ISL54225IRTZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRTZEVAL1Z RENESAS-ISL54225IRTZEVAL1Z Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRUZ-T RENESAS-ISL54225IRUZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54225IRUZ-T7A RENESAS-ISL54225IRUZ-T7A Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
More results

Similar Description - ISL54225_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com