Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28230CUZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL28230CUZ-T7
Description  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230CUZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL28230CUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28230CUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL28130, ISL28230, ISL28430
3
FN7623.0
August 17, 2010
ISL28130
(5 LD SC70)
TOP VIEW
ISL28230
(8 LD MSOP, SOIC)
TOP VIEW
ISL28430
(14 LD TSSOP, SOIC)
TOP VIEW
Pin Configurations (Continued)
IN+
V-
IN-
V+
OUT
1
2
3
5
4
+
-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
OUT_A
IN-_A
IN+_A
V+
IN+_B
IN-_B
OUT_B
OUT_D
IN-_D
IN+_D
V-
IN+_C
IN-_C
OUT_C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+-
Pin Descriptions
ISL28130
(5 Ld SOT23)
ISL28130
(8 Ld SOIC)
ISL28130
(5 LD SC70)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
3
3
1
IN+
Non-inverting
input
Circuit 1
24
2
V-
Negative
supply
4
2
3
IN-
Inverting
input
(See “Circuit 1”)
16
4
OUT
Output
Circuit 2
5
7
5
V+
Positive
supply
1, 5, 8
NC
Not Connected – This pin is not electrically connected internally.
IN+
V+
IN-
V-
+
-
V+
V-
OUT


Similar Part No. - ISL28230CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28230CUZ RENESAS-ISL28230CUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Similar Description - ISL28230CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com