Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28230CUZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28230CUZ-T7A
Description  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230CUZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28230CUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL28230CUZ-T7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL28130, ISL28230, ISL28430
9
FN7623.0
August 17, 2010
FIGURE 15. LARGE SIGNAL STEP RESPONSE (1V)
FIGURE 16. SMALL SIGNAL STEP RESPONSE (100mV)
FIGURE 17. VOH vs TEMPERATURE
FIGURE 18. VOL vs TEMPERATURE
FIGURE 19. CROSSTALK vs FREQUENCY, VS = ±0.8V
FIGURE 20. CROSSTALK vs FREQUENCY, VS = ±2.5V
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open, T = +25°C, unless
otherwise specified. (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
203040
50
607080
90
100
TIME (µs)
RL = 100k
AV = 1
VOUT = 1VP-P
CL = 3.7pF
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
5
10
15
20
25
30
35
40
TIME (µs)
RL = 100k
AV = 1
VOUT = 100mVP-P
CL = 3.7pF
16
17
18
19
20
21
22
0
10
203040
50
VS = 5V
TEMPERATURE (°C)
RL = 10kΩ
60
70
TEMPERATURE (°C)
16
17
18
19
20
21
22
0
102030
4050
60
70
VS = 5V
RL = 10kΩ
-140
-120
-100
-80
-60
-40
-20
1k
10k
100k
1M
FREQUENCY (Hz)
Vs = ±0.8V
RL = OPEN
AV = 1
CL = 3.7pF
VOUT = 1VP-P
FREQUENCY (Hz)
Vs = ±2.5V
RL = OPEN
AV = 1
CL = 3.7pF
VOUT = 1VP-P
-140
-120
-100
-80
-60
-40
-20
1k
10k
100k
1M


Similar Part No. - ISL28230CUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28230CUZ RENESAS-ISL28230CUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Similar Description - ISL28230CUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com