Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54225IRTZEVAL1Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54225IRTZEVAL1Z
Description  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54225IRTZEVAL1Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54225IRTZEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN7627.0
July 2, 2010
Application Block Diagram
Detailed Description
The ISL54225 device is a dual single pole/double throw
(SPDT) analog switch configured as a DPDT that operates
from a single DC power supply in the range of 2.7V to
5.25V.
It was designed to function as a dual 2-to-1 multiplexer
to select between two USB high-speed differential data
signals in portable battery powered products. It is offered
in a TDFN, and a small µTQFN packages for use in MP3
players, cameras, PDAs, cellphones, and other personal
media players. The device has an enable pin to open all
switches and put the part in a low power state.
The part contains special overvoltage detection and
protection (OVP) circuitry on the D-/D+ COM pins. This
circuitry acts to open the USB in-line switches when the
part senses a voltage on the COM pins that is >3.8V
(typ) or < -0.5V (typ). It isolates voltages up to 5.25V
and down to -5V from getting through to the other side
of the switch to protect the USB transceivers connected
at the signal pins (HSD1-, HSD1+, HSD2-, HSD2+).
The part consists of four 6.5Ω high speed (HSx) switches.
These switches have high bandwidth and low capacitance
to pass USB high-speed (480Mbps) differential data signals
with minimal edge and phase distortion. They can also
swing from 0V to 3.6V to pass USB full speed (12Mbps)
differential data signals with minimal distortion.
The ISL54225 was designed for MP3 players, cameras,
cellphones, and other personal media player applications
that have multiple high-speed or full-speed transceivers
sections and need to multiplex between these USB
sources to a single USB host (computer). A typical
application block diagram of this functionality is
previously shown.
A detailed description of the HS switches is provided in
the following section.
High-Speed (HSx) Data Switches
The HSx switches (HSD1-, HSD1+, HSD2-, HSD2+) are
bi-directional switches that can pass USB high-speed and
USB full-speed signals when VDD is in the range of 2.7V
to 5.25V.
When powered with a 2.7V supply, these switches have a
nominal rON of 6.5Ω over the signal range of 0V to
400mV with a rON flatness of 0.3Ω. The rON matching
between the HSD1x switches and HSD2x switches over
this signal range is only 0.2Ω, ensuring minimal impact
by the switches to USB high-speed signal transitions. As
the signal level increases, the rON switch resistance
increases. At signal level of 3.3V, the switch resistance is
nominally 12Ω. See Figures 9, 10, 11, 12, 13, 14, 15 and
16 in the “Typical Performance Curves” beginning on
page 12.
The HSx switches were specifically designed to pass
USB 2.0 high-speed (480Mbps) differential signals in
the range of 0V to 400mV. They have low capacitance
and high bandwidth to pass the USB high-speed
signals with minimum edge and phase distortion to
meet USB 2.0 high speed signal quality specifications.
See Figure 21 in the “Typical Performance Curves” on
page 14 for USB High-speed Eye Pattern taken with
switch in the signal path.
The HSx switches can also pass USB full-speed signals
(12Mbps) with minimal distortion and meet all the USB
requirements for USB 2.0 full-speed signaling. See
Figure 22 in the “Typical Performance Curves” on
page 14 for USB Full-speed Eye Pattern taken with
switch in the signal path.
PORTABLE MEDIA DEVICE
ISL54225
USB
TRANSCEIVER
HIGH-SPEED
D-
D+
SEL
GND
HSD1-
HSD1+
HSD2-
HSD2+
VDD
OE
LOGIC CIRCUITRY
µCONTROLLER
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
OR
FULL-SPEED
HIGH_SPEED
OR
OVP
#1
#2
4MΩ
4MΩ
500Ω
VDD
ISL54225


Similar Part No. - ISL54225IRTZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54225IRTZEVAL1Z RENESAS-ISL54225IRTZEVAL1Z Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
More results

Similar Description - ISL54225IRTZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com