Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT1008DMN3R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCT1008DMN3R2G
Description  짹1?C Temperature Monitor with Series Resistance Cancellation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT1008DMN3R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCT1008DMN3R2G Datasheet HTML 6Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 7Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 8Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 9Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 10Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 11Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 12Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 13Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCT1008
http://onsemi.com
10
Conversion Rate Register
The conversion rate register is Address 0x04 at read and
Address 0x0A at write. The lowest four bits of this register
are used to program the conversion rate by dividing the
internal oscillator clock by 1, 2, 4, 8, 16, 32, 64, 128, 256,
512, or 1024 to give conversion times from 15.5 ms (Code
0x0A) to 16 seconds (Code 0x00). For example, a
conversion rate of eight conversions per second means that
beginning at 125 ms intervals, the device performs a
conversion on the internal and the external temperature
channels.
The conversion rate register can be written to and read
back over the SMBus/I2C. The higher four bits of this
register are unused and must be set to 0. The default value
of this register is 0x08, giving a rate of 16 conversions per
second. Use of slower conversion times greatly reduces the
device power consumption.
Table 4. Conversion Rate Register Codes
Code
Conversion/Second
Time (Seconds)
0x00
0.0625
16
0x01
0.125
8
0x02
0.25
4
0x03
0.5
2
0x04
1
1
0x05
2
500 m
0x06
4
250 m
0x07
8
125 m
0x08
16
62.5 m
0x09
32
31.25 m
0x0A
64
15.5 m
0x0B to 0xFF
Reserved
Limit Registers
The NCT1008 has eight limit registers: high, low, and
THERM temperature limits for both local and remote
temperature measurements. The remote temperature high
and low limits span two registers each, to contain an upper
and lower byte for each limit. There is also a THERM
hysteresis register. All limit registers can be written to, and
read back over, the SMBus. See Table 8 for details of the
limit register addresses and their power−on default values.
When Pin 6 is configured as an ALERT output, the high
limit registers perform a > comparison, while the low limit
registers perform a
≤ comparison. For example, if the high
limit register is programmed with 80
°C, then measuring
81
°C results in an out−of−limit condition, setting a flag in
the status register. If the low limit register is programmed
with 0
°C, measuring 0°C or lower results in an out−of−limit
condition.
Exceeding either the local or remote THERM limit asserts
THERM low. When Pin 6 is configured as THERM2,
exceeding either the local or remote high limit asserts
THERM2 low. A default hysteresis value of 10
°C is
provided that applies to both THERM channels. This
hysteresis value can be reprogrammed to any value after
powerup (Register Address 0x21).
It is important to remember that the temperature limits
data format is the same as the temperature measurement data
format. Therefore, if the temperature measurement uses
default binary, then the temperature limits also use the
binary scale. If the temperature measurement scale is
switched, however, the temperature limits do not
automatically switch. The user must reprogram the limit
registers to the desired value in the correct data format. For
example, if the remote low limit is set at 10
°C with the
default binary scale, the limit register value is 0000 1010b.
If the scale is switched to offset binary, the value in the low
temperature limit register needs to be reprogrammed to
0100 1010b.
Status Register
The status register is a read−only register at Address 0x02.
It contains status information for the NCT1008.
When Bit 7 of the status register is high, it indicates that the
ADC is busy converting. The other bits in this register flag the
out−of−limit temperature measurements (Bit 6 to Bit 3, and
Bit 1 to Bit 0) and the remote sensor open circuit (Bit 2).
If Pin 6 is configured as an ALERT output, the following
applies: If the local temperature measurement exceeds its
limits, Bit 6 (high limit) or Bit 5 (low limit) of the status
register asserts to flag this condition. If the remote
temperature measurement exceeds its limits, then Bit 4 (high
limit) or Bit 3 (low limit) asserts. Bit 2 asserts to flag an open
circuit condition on the remote sensor. These five flags are
NOR’ed together, so if any of them is high, the ALERT
interrupt latch is set and the ALERT output goes low.
Reading the status register clears the five flags, Bit 6 to
Bit 2, provided the error conditions causing the flags to be
set have gone away. A flag bit can be reset only if the
corresponding value register contains an in−limit
measurement or if the sensor is good.
The ALERT interrupt latch is not reset by reading the
status register. It resets when the ALERT output has been
serviced by the master reading the device address, provided
the error condition has gone away and the status register flag
bits are reset.
When Flag 1 and/or Flag 0 are set, the THERM output
goes low to indicate that the temperature measurements are
outside the programmed limits. The THERM output does
not need to be reset, unlike the ALERT output. Once the
measurements are within the limits, the corresponding status
register bits are automatically reset and the THERM output
goes high. The user may add hysteresis by programming
Register 0x21. The THERM output is reset only when the
temperature falls to limit value minus the hysteresis value.
When Pin 6 is configured as THERM2, only the high
temperature limits are relevant. If Flag 6 and/or Flag 4 are
set, the THERM2 output goes low to indicate that the
temperature measurements are outside the programmed
limits. Flag 5 and Flag 3 have no effect on THERM2. The
behavior of THERM2 is otherwise the same as THERM.


Similar Part No. - NCT1008DMN3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT1008DMN3R2G ONSEMI-NCT1008DMN3R2G Datasheet
333Kb / 20P
   Temperature Monitor
July, 2012 ??Rev. 6
More results

Similar Description - NCT1008DMN3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
NVT210 ONSEMI-NVT210 Datasheet
331Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
May, 2013 ??Rev. 7
NCT214 ONSEMI-NCT214 Datasheet
253Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
April, 2014 ??Rev. 4
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com