Electronic Components Datasheet Search |
|
TL432BQDBVRG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
TL432BQDBVRG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 76 page CATHODE ANODE REF TL431 . . . KTP (PowerFLEX /TO-252) PACKAGE (TOP VIEW) TL431A, TL431B . . . DCK (SC-70) PACKAGE (TOP VIEW) 1 2 3 6 5 4 CATHODE NC REF ANODE NC NC NC − No internal connection TL431, TL431A, TL431B . . . LP (TO-92/TO-226) PACKAGE (TOP VIEW) CATHODE ANODE REF TL431, TL431A, TL431B TL432, TL432A, TL432B SLVS543K – AUGUST 2004 – REVISED JUNE 2010 www.ti.com DESCRIPTION/ORDERING INFORMATION The TL431 and TL432 are three-terminal adjustable shunt regulators, with specified thermal stability over applicable automotive, commercial, and military temperature ranges. The output voltage can be set to any value between Vref (approximately 2.5 V) and 36 V, with two external resistors (see Figure 17). These devices have a typical output impedance of 0.2 Ω. Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacements for Zener diodes in many applications, such as onboard regulation, adjustable power supplies, and switching power supplies. The TL432 has exactly the same functionality and electrical specifications as the TL431, but has different pinouts for the DBV, DBZ, and PK packages. Both the TL431 and TL432 devices are offered in three grades, with initial tolerances (at 25°C) of 0.5%, 1%, and 2%, for the B, A, and standard grade, respectively. In addition, low output drift vs temperature ensures good stability over the entire temperature range. The TL43xxC devices are characterized for operation from 0°C to 70°C, the TL43xxI devices are characterized for operation from –40°C to 85°C, and the TL43xxQ devices are characterized for operation from –40°C to 125°C. 2 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |
Similar Part No. - TL432BQDBVRG4 |
|
Similar Description - TL432BQDBVRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |