Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC644 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC644 Datasheet HTML 6Page - Semtech Corporation SC644 Datasheet HTML 7Page - Semtech Corporation SC644 Datasheet HTML 8Page - Semtech Corporation SC644 Datasheet HTML 9Page - Semtech Corporation SC644 Datasheet HTML 10Page - Semtech Corporation SC644 Datasheet HTML 11Page - Semtech Corporation SC644 Datasheet HTML 12Page - Semtech Corporation SC644 Datasheet HTML 13Page - Semtech Corporation SC644 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SC644
0
Pin Descriptions
Pin #
Pin Name
Pin Function

IN
Battery voltage input
2
PGND
Ground pin for high current charge pump
3
BL3
Current sink output for backlight LED 3 — leave this pin open if unused
4
BL2
Current sink output for backlight LED 2 — leave this pin open if unused
5
BL
Current sink output for backlight LED  — leave this pin open if unused
6
BL4
Current sink output for backlight LED 4 — leave this pin open if unused
7
BL5
Current sink output for backlight LED 5 — leave this pin open if unused
8
BL6
Current sink output for backlight LED 6 — leave this pin open if unused
9
AGND
Analog ground pin — connect to ground and separate from PGND current
0
LDO4
Output of LDO4

LDO3
Output of LDO3
2
SPIF
SemPulse single wire interface pin — used to enable/disable the device and to configure all regis-
ters (refer to Register Map and SemPulse Interface sections)
3
BYP
Bypass pin for LDO reference — connect a 22nF ceramic capacitor to AGND
4
LDO2
Output of LDO2
5
LDO
Output of LDO
6
OUT
Charge pump output — all LED anode pins should be connected to this pin
7
C2+
Positive connection to bucket capacitor 2
8
C+
Positive connection to bucket capacitor 
9
C-
Negative connection to bucket capacitor 
20
C2-
Negative connection to bucket capacitor 2
T
THERMAL PAD
Thermal pad for heatsinking purposes — connect to ground plane using multiple vias — not con-
nected internally


Similar Part No. - SC644

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
logo
Nippon Precision Circui...
SC6433 NPC-SC6433 Datasheet
1Mb / 4P
   BWTV CAMERA SYNC PULSE GENERATOR
logo
Semtech Corporation
SC643EVB SEMTECH-SC643EVB Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC643ULTRT SEMTECH-SC643ULTRT Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
logo
Mallory Sonalert Produc...
SC648ADJR MSPI-SC648ADJR Datasheet
52Kb / 1P
   Voltage Rating 10 to 48 VAC/DC
More results

Similar Description - SC644

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC668 SEMTECH-SC668 Datasheet
875Kb / 46P
   8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC667 SEMTECH-SC667 Datasheet
1Mb / 47P
   7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com