Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC668 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 5Page - Semtech Corporation SC668 Datasheet HTML 6Page - Semtech Corporation SC668 Datasheet HTML 7Page - Semtech Corporation SC668 Datasheet HTML 8Page - Semtech Corporation SC668 Datasheet HTML 9Page - Semtech Corporation SC668 Datasheet HTML 10Page - Semtech Corporation SC668 Datasheet HTML 11Page - Semtech Corporation SC668 Datasheet HTML 12Page - Semtech Corporation SC668 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
SC668
9
Typical Characteristics — LDOs
LDO Noise vs. Load Current (2.8V)
0
20
40
60
80
100
0
40
80
120
160
200
IOUT(mA)
VLDO = 2.8V, VIN = 3.7V, 10Hz < f < 100kHz, TA = 25°C
LDO Noise vs. Load Current (1.8V)
IOUT(mA)
VLDO = 1.8V, VIN = 3.7V, 10Hz < f < 100kHz, TA = 25°C
0
20
40
60
80
100
0
40
80
120
160
200
Load Regulation (LDO2)
VIN = 3.7V, TA = 25°C
ILDO (mA)
1.2V
1.5V
1.8V
-25
-20
-15
-10
-5
0
0
40
80
120
160
200
Load Regulation (LDOm)
VIN = 3.7V, m = 1, 3, or 4, TA = 25°C
-25
-20
-15
-10
-5
0
0
40
80
120
160
200
ILDO (mA)
1.5V
1.8V
2.5V
2.8V
3.3V
Line Regulation (LDO2)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
2.70
3.00
3.30
3.60
3.90
4.20
VIN (V)
ILDO2 = 1mA, VLDO2 = 1.2V to 1.8V, TA = 25°C
1.2V
1.8V
Line Regulation (LDOm)
-3
-2
-1
0
1
2
3
2.70
3.00
3.30
3.60
3.90
4.20
VIN (V)
ILDOm = 1mA, VLDOm = 1.5V to 3.3V, m = (1,3, or 4), TA = 25°C
3.3V
2.8V
1.8V
1.5V


Similar Part No. - SC668

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-A QUECTEL-SC66-A Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-CE QUECTEL-SC66-CE Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-E QUECTEL-SC66-E Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-J QUECTEL-SC66-J Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
More results

Similar Description - SC668

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC667 SEMTECH-SC667 Datasheet
1Mb / 47P
   7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC644 SEMTECH-SC644 Datasheet
609Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com