Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC820ULTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC820ULTRT
Description  Adapter/USB Dual Input Single-cell Li-ion Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC820ULTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC820ULTRT Datasheet HTML 1Page - Semtech Corporation SC820ULTRT Datasheet HTML 2Page - Semtech Corporation SC820ULTRT Datasheet HTML 3Page - Semtech Corporation SC820ULTRT Datasheet HTML 4Page - Semtech Corporation SC820ULTRT Datasheet HTML 5Page - Semtech Corporation SC820ULTRT Datasheet HTML 6Page - Semtech Corporation SC820ULTRT Datasheet HTML 7Page - Semtech Corporation SC820ULTRT Datasheet HTML 8Page - Semtech Corporation SC820ULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SC820
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114D.
(2)
Operating Voltage is the input voltage at which the charger is guaranteed to begin operation. These ranges, VT
ADsel-R
Max to V
OVP-F
Min for the
VAD input, V
UVLR
Max to V
OVP-F
Min for the VUSB input, apply to charging sources operating in voltage regulation. Charging sources operating
in current limit may be pulled below these ranges by the charging load. Maximum operating voltage is the maximum Vsupply as defined in
EIA/JEDEC Standard No. 78, paragraph 2.11.
(3)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VAD and VUSB (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30.0
BAT, IPRGM, IPUSB (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
STATB, ENB (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
BAT
+0.3
VAD Input Current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 . 5
VUSB Input Current (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 . 5
BAT, IPRGM, IPUSB Short-to-GND Duration . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Operating Ambient Temperature (°C) . . . . . . . . . -40 to +85
VAD Operating Voltage(2) (V). . . . . . . . . . . . . . . . 4.60 to 8.20
VUSB Operating Voltage(2) (V). . . . . . . . . . . . . . . 4.70 to 8.20
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . . 68
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Test Conditions: V
VAD
= V
VUSB
= 4.75V to 5.25V; C
VAD
= C
VUSB
= C
BAT
= 2.2μF; V
BAT
= 3.7V; Typ values at 25°C; Min and Max at -40°C < T
A
< 85°C, unless
specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VAD Select Rising Threshold
VT
ADsel-R
4.30
4.45
4.60
V
VAD Deselect Falling Threshold (1)
VT
ADsel-F
V
VAD
> V
BAT
2.70
2.85
3.00
V
VUSB Select Rising Threshold
VT
USBsel-R
V
VUSB
> V
BAT
4.20
4.35
V
VUSB Deselect Falling Threshold
VT
USBsel-F
V
VUSB
> V
BAT
3.65
4.00
V
VUSB Select Hysteresis
VT
USBsel-H
VT
USBsel-R
- VT
USBsel-F
100
mV
OVP Rising Threshold
VT
OVP-R
VAD or VUSB input
9.6
V
OVP Falling Threshold
VT
OVP-F
VAD or VUSB input
8.2
V
OVP Hysteresis
VT
OVP-H
(VT
OVP-R
- VT
OVP-F
)50
mV
VAD Charging Disabled Quiescent
Current
Iq
VAD_DIS
V
VUSB
= 0V, V
ENB
= V
BAT
23
mA
VAD Charging Enabled Quiescent
Current
Iq
VAD_EN
V
VUSB
= 0V, V
ENB
= 0V,
excluding I
BAT
, I
IPRGM
, and I
IPUSB
23
mA
VUSB Charging Disabled Quiescent
Current
Iq
VUSB_DIS
V
VAD
= 0V; V
ENB
= V
BAT
23
mA
Electrical Characteristics


Similar Part No. - SC820ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820ULTRT SEMTECH-SC820ULTRT Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results

Similar Description - SC820ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC810 SEMTECH-SC810_1 Datasheet
320Kb / 20P
   Single Input/Single Mode Single-cell Li-ion Charger
SC810 SEMTECH-SC810 Datasheet
298Kb / 19P
   Single Input/Single Mode Single-cell Li-ion Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com