Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40L100CT Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # MBR40L100CT
Description  Power Schottky Rectifier - 40Amp 100Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR40L100CT Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  MBR40L100CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR40L100CT Datasheet HTML 2Page - Sirectifier Global Corp. MBR40L100CT Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http:// www.sirectsemi.com
100
160
0
10
20
25
110
120
15
5
140
150
30
35
130
170
180
AVERAGE FORWARD CURRENT, I F(AV)
Figure 5. Max. Allowable Case Temperature
Vs. Average Forward Current (PerLeg)
SQUARE WAVE (D = 0.50)
80% RATED VR APPLIED
DC
0
15
0
10
20
25
5
15
5
10
30
20
AVERAGE FORWARD CURRENT, I F(AV)
Figure 6. Forward PowerLoss Characteristics
(PerLeg)
RMS LIMIT
DC
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
100
10
10000
1000
SQUARE WAVE PULSE DURATION, TP(micro sec)
Figure 7. Max. Non-Repetitive Surge Current
(Per Leg)
AT ANY RATED LOAD CONDITION
AND WITH RATED VRRM APPLIED
FOLLOWING SURGE
MBR40L100CT
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - MBR40L100CT

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MBR40L100CT SUNMATE-MBR40L100CT Datasheet
889Kb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR40L100CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR40100CT KERSEMI-MBR40100CT Datasheet
1Mb / 4P
   Power Schottky Rectifier - 40Amp 100Volt
logo
Sirectifier Global Corp...
MBR40V100CTH SIRECT-MBR40V100CTH Datasheet
141Kb / 3P
   Power Schottky Rectifier - 40Amp 100Volt
MBR40B100CTH SIRECT-MBR40B100CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 40Amp 100Volt
MBR40100CT SIRECT-MBR40100CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 40Amp 100Volt
MBR40100CT SIRECT-MBR40100CT Datasheet
145Kb / 3P
   Power Schottky Rectifier - 40Amp 100Volt
MBR40L100PT SIRECT-MBR40L100PT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 40Amp 100Volt
MBR40A100CTH SIRECT-MBR40A100CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 40Amp 100Volt
SBL40B45CTH SIRECT-SBL40B45CTH Datasheet
140Kb / 2P
   Power Schottky Rectifier - 40Amp 45Volt
SBL4060CT SIRECT-SBL4060CT Datasheet
129Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
SBL40L45CTH SIRECT-SBL40L45CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 40Amp 45Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com