Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF1405ZSTRR Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRF1405ZSTRR
Description  HEXFET짰 Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF1405ZSTRR Datasheet(HTML) 3 Page - International Rectifier

  AUIRF1405ZSTRR Datasheet HTML 1Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 2Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 3Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 4Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 5Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 6Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 7Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 8Page - International Rectifier AUIRF1405ZSTRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AUIRF1405ZS/L
www.irf.com
3
† Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions to AEC-Q101 requirements are noted in the qualification report.
Qualification Information
TO-262
N/A
D2Pak
MSL1
RoHS Compliant
Yes
ESD
Machine Model
Class M4 (425V)
AEC-Q101-002
Human Body Model
Class H1C (2000V)
AEC-Q101-001
Charged Device
Model
Class C5 (1125V)
AEC-Q101-005
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive
qualification. IR’s Industrial and Consumer qualification
level is granted by extension of the higher Automotive
level.
Moisture Sensitivity Level


Similar Part No. - AUIRF1405ZSTRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF1405ZSTRL INFINEON-AUIRF1405ZSTRL Datasheet
350Kb / 12P
   AUTOMOTIVE GRADE
2015-11-11
More results

Similar Description - AUIRF1405ZSTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com